Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1P100 Datasheet (PDF) - Infinite Electronics International, Inc.

1P100 Datasheet PDF - Infinite Electronics International, Inc.
Part # 1P100
Download  1P100 Download
File Size   30.03 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 7/16 DIN MALE CONNECTOR, PIM RATED FOR RG401

1P100 Datasheet (PDF)

Go To PDF Page Download Datasheet
1P100 Datasheet PDF - Infinite Electronics International, Inc.

Part # 1P100
Download  1P100 Click to download

File Size   30.03 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 7/16 DIN MALE CONNECTOR, PIM RATED FOR RG401

1P100 Datasheet (HTML) - Infinite Electronics International, Inc.


1P100 Product details

ELECTRICAL:
IMPEDANCE: 50OHM
FREQUENCY RANGE: DC~2.7 GHz
VSWR: < 1.12
PASSIVE INTERMODULATION(PIM): < -160dBc@900MHz
DIELECTRIC WITHSTANDING VOLTAGE: 2500V
INSERTION LOSS: < .05 dB
INSULATION RESISTANCE: > 5000M OHM
MECHANICAL:
DURABILITY: > 500
INTERFACE DIMENSIONS CONFORMABLE TO IEC 60169
PACKAGING:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
WITH L-COM SPECIFICATION PKG-00012
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)




Similar Part No. - 1P100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
1P1G08MDBVREPG4 TI1-1P1G08MDBVREPG4 Datasheet
488Kb / 16P
SINGLE 2-INPUT POSITIVE-AND GATE
1P1G125QDCKRG4Q1 TI1-1P1G125QDCKRG4Q1 Datasheet
841Kb / 14P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
1P1G125QDCKRG4Q1 TI1-1P1G125QDCKRG4Q1 Datasheet
1,019Kb / 23P
SN74LVC1G125-Q1 Single-BUS buffer gate with 3-state output
1P1G125QDCKRG4Q1 TI2-1P1G125QDCKRG4Q1 Datasheet
1Mb / 28P
SN74LVC1G125-Q1 Single-BUS buffer gate with 3-state output
REVISED AUGUST 2020
1P1G125QDCKRG4Q1.B TI2-1P1G125QDCKRG4Q1.B Datasheet
1Mb / 28P
SN74LVC1G125-Q1 Single-BUS buffer gate with 3-state output
REVISED AUGUST 2020
More results


Similar Description - 1P100

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9555 PASTERNACK-PE9555 Datasheet
249Kb / 3P
7/16 DIN Male to 7/16 DIN Male Adapter
PE91028 PASTERNACK-PE91028 Datasheet
362Kb / 3P
Precision 7/16 DIN Male to 7/16 DIN Female Adapter Low PIM, Low VSWR
PE91039 PASTERNACK-PE91039 Datasheet
360Kb / 3P
Precision 7/16 DIN Male to 7/16 DIN Male Adapter Low PIM, Low VSWR
PE3C2015-100CM PASTERNACK-PE3C2015-100CM Datasheet
449Kb / 3P
7/16 DIN Male to 7/16 DIN Female LSZH Jacketed Low PIM cable 100cm
PE3C2015-200CM PASTERNACK-PE3C2015-200CM Datasheet
449Kb / 3P
7/16 DIN Male to 7/16 DIN Female LSZH Jacketed Low PIM cable 100cm
PE91088 PASTERNACK-PE91088 Datasheet
360Kb / 3P
Low PIM 7 - 16 DIN Male to 4.1/9.5 Mini DIN Male Adapter
PE3C2015 PASTERNACK-PE3C2015 Datasheet
367Kb / 4P
7 - 16 DIN Male to 7/16 DIN Female LSZH Jacketed Low PIM Cable Using SR401FLJ Low PIM Coax, RoHS
PE36138 PASTERNACK-PE36138 Datasheet
270Kb / 1P
CABLE ASSEMBLY, RG401/U, 7/16 MALE TO 7/16 MALE
PE3C2003 PASTERNACK-PE3C2003 Datasheet
418Kb / 5P
7/16 DIN Male to 7/16 DIN Male LSZH Jacketed Low PIM Cable Using SR402FLJ Low PIM Coax with HeatShrink, RoHS
PE3C2013 PASTERNACK-PE3C2013 Datasheet
416Kb / 5P
7/16 DIN Male to 7/16 DIN Male LSZH Jacketed Low PIM Cable Using SR401FLJ Low PIM Coax with HeatShrink, RoHS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com