Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF-1600 Datasheet (PDF) - Infinite Electronics International, Inc.

ADF-1600 Datasheet PDF - Infinite Electronics International, Inc.
Part # ADF-1600
Download  ADF-1600 Download
File Size   33.04 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 7/16 DIN FEMALE CRIMP CONNECTOR MAY VARY FOR LMR600

ADF-1600 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADF-1600 Datasheet PDF - Infinite Electronics International, Inc.

Part # ADF-1600
Download  ADF-1600 Click to download

File Size   33.04 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 7/16 DIN FEMALE CRIMP CONNECTOR MAY VARY FOR LMR600

ADF-1600 Datasheet (HTML) - Infinite Electronics International, Inc.


ADF-1600 Product details

ELECTRICAL:
IMPEDANCE: 50OHM
FREQUENCY RANGE: DC~6 GHz
INSERTION LOSS: .2 dB MAX.
WORKING VOLTAGE: 2700 VRMS MAX.
DIELECTRIC WITHSTANDING VOLTAGE: 4000 VRMS MIN. (AT SEA LEVEL)

PACKAGING
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
WITH L-COM SPECIFICATION PKG-00012




Similar Part No. - ADF-1600

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
ADF-07 MINMAX-ADF-07 Datasheet
159Kb / 4P
7 Watts Universal Input Range AC/DC Power Modules
ADF-07S03 MINMAX-ADF-07S03 Datasheet
159Kb / 4P
7 Watts Universal Input Range AC/DC Power Modules
ADF-07S03 MINMAX-ADF-07S03 Datasheet
249Kb / 3P
AC/DC Power Module 7W Ultra -compact Dimensions
ADF-07S03 MINMAX-ADF-07S03 Datasheet
314Kb / 3P
AC/DC Power Module 7W
ADF-07S05 MINMAX-ADF-07S05 Datasheet
159Kb / 4P
7 Watts Universal Input Range AC/DC Power Modules
More results


Similar Description - ADF-1600

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9409 PASTERNACK-PE9409 Datasheet
251Kb / 2P
7/16 DIN Female to 7/16 DIN Female Adapter
PE9414 PASTERNACK-PE9414 Datasheet
246Kb / 2P
7/16 DIN Female to 7/16 DIN Female Bulkhead Adapter
PE44286 PASTERNACK-PE44286 Datasheet
304Kb / 3P
7/16 DIN Female Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
PE44546 PASTERNACK-PE44546 Datasheet
287Kb / 2P
7/16 DIN Female Connector Crimp/Solder Attachment For PE-C400, 0.400 inch
PE44547 PASTERNACK-PE44547 Datasheet
283Kb / 2P
7/16 DIN Female Connector Crimp/Solder Attachment For PE-C600, 0.600 inch
PE4575 PASTERNACK-PE4575 Datasheet
263Kb / 2P
7/16 DIN Female Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE44545 PASTERNACK-PE44545 Datasheet
281Kb / 2P
7/16 DIN Female Connector Crimp/Solder Attachment For PE-C240, 0.240 inch
PE91192 PASTERNACK-PE91192 Datasheet
373Kb / 3P
7 - 16 DIN Female to 7 - 16 DIN Female Adapter IP67 Mated
PE91229 PASTERNACK-PE91229 Datasheet
372Kb / 3P
7 - 16 DIN Female to 7 - 16 DIN Female Adapter IP67 UnMated
PE4575 PASTERNACK-PE4575_16 Datasheet
322Kb / 3P
7/16 DIN Female Connector Crimp/Solder Attachment
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com