Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFM-1700 Datasheet (PDF) - Infinite Electronics International, Inc.

AFM-1700 Datasheet PDF - Infinite Electronics International, Inc.
Part # AFM-1700
Download  AFM-1700 Download
File Size   51.92 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description CON,F-TYPE MALE RG58 CABLE

AFM-1700 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFM-1700 Datasheet PDF - Infinite Electronics International, Inc.

Part # AFM-1700
Download  AFM-1700 Click to download

File Size   51.92 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description CON,F-TYPE MALE RG58 CABLE

AFM-1700 Datasheet (HTML) - Infinite Electronics International, Inc.


AFM-1700 Product details

ELECTRICAL
IMPEDANCE: 50 OHMS
VOLTAGE RATING: 500 VOLTS PEAK
FREQUENCY RANGE: DC ~ 2 GHz
DIELECTRIC WITHSTANDING VOLTAGE: 1000 VOLTS RMS
INSERTION LOSS: .20dB MAX.
CABLE RETENTION: 30 POUNDS PULL

MISCELLANEOUS:
CONNECTOR SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPEC. PS-0031
APPLICATION: LMR195, RG58 CABLE.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.







Similar Part No. - AFM-1700

ManufacturerPart #DatasheetDescription
logo
GardTec, Inc.
AFM-120B GARDTEC-AFM-120B Datasheet
92Kb / 1P
Black Electrodeposit Plating
AFM-120M GARDTEC-AFM-120M Datasheet
365Kb / 1P
Frame- 0.6mm Aluminum Mesh- 24#/25.4mm Stainless Steel
AFM-127M GARDTEC-AFM-127M Datasheet
348Kb / 1P
Frame- 0.6mm Aluminum Mesh- 24#/25.4mm Stainless Steel
AFM-162B GARDTEC-AFM-162B Datasheet
360Kb / 1P
Frame- 0.6mm Black Aluminum Mesh- 24#/25.4mm Black Stainless Steel
AFM-162M GARDTEC-AFM-162M Datasheet
377Kb / 1P
Frame- 0.6mm Aluminum Mesh- 24#/25.4mm Stainless Steel
More results


Similar Description - AFM-1700

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
384586 ERNI-384586 Datasheet
48Kb / 1P
Male Con. C32 solder
384600 ERNI-384600 Datasheet
51Kb / 1P
Male Con. C48 solder
354871 ERNI-354871 Datasheet
53Kb / 1P
Male Con. E48 Solder
logo
Adam Technologies, Inc.
RF4-26-T-03-75 ADAM-TECH-RF4-26-T-03-75 Datasheet
83Kb / 1P
RF MALE TYPE F
logo
List of Unclassifed Man...
CONN007-R58 ETC2-CONN007-R58 Datasheet
156Kb / 1P
N MALE CABLE END CRIMP FOR RG58 CABLE
CONREVSMA007-R58 ETC2-CONREVSMA007-R58 Datasheet
154Kb / 1P
RP-SMA MALE CABLE END CRIMP FOR RG58 CABLE
CONSMA007-R58 ETC2-CONSMA007-R58 Datasheet
157Kb / 1P
SMA MALE CABLE END CRIMP FOR RG58 CABLE
logo
Pasternack Enterprises,...
PE35789 PASTERNACK-PE35789 Datasheet
93Kb / 1P
CABLE ASSEMBLY, RG58-P, BNC MALE TO TNC MALE
PE3741 PASTERNACK-PE3741 Datasheet
367Kb / 4P
BNC Male to MHV Male Cable Using RG58 Coax
logo
Linx Technologies
CONN007-R58 LINX-CONN007-R58 Datasheet
249Kb / 1P
N MALE CABLE END CRIMP FOR RG58 CABLE
12-JUL-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com