Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3T1035AUK Datasheet (PDF) - NXP Semiconductors

P3T1035AUK Datasheet PDF - NXP Semiconductors
Part # P3T1035AUK
Download  P3T1035AUK Download
File Size   730.95 Kbytes
Page   52 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description I3C, I2C-bus, 0.5 °C accuracy, digital temperature sensor

P3T1035AUK Datasheet (PDF)

Go To PDF Page Download Datasheet
P3T1035AUK Datasheet PDF - NXP Semiconductors

Part # P3T1035AUK
Download  P3T1035AUK Click to download

File Size   730.95 Kbytes
Page   52 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description I3C, I2C-bus, 0.5 °C accuracy, digital temperature sensor

P3T1035AUK Datasheet (HTML) - NXP Semiconductors


P3T1035AUK Product details

1 General description
The P3T1035xUK/P3T2030xUK is a temperature-to-digital converter from -40 °C to +125 °C range. It uses an on-chip band gap temperature sensor and A-to-D conversion technique with an overtemperature detection. The device contains a number of data registers: Configuration (Conf) stores the device settings such as device operation mode, and temperature register (Temp) stores the digital temp reading, which communicates by a controller via the 2-wire serial I3C/I2C-bus interface. The P3T1035xUK/P3T2030xUK can be configured for different operation conditions. It can be set in normal mode to monitor periodically the ambient temperature, or in shutdown mode to minimize power consumption. The temperature register always stores a 12-bit two's complement data (2 Bytes), giving a temperature resolution of 0.0625 °C. It also allows 8-bit (MSByte) reading with temperature resolution of 1 °C. In I2C mode, the P3T1035xUK/P3T2030xUK supports global read/write operations that allow the controller to access multiple devices simultaneously. It does not require the controller to access each P3T1035xUK/P3T2030xUK individually.
The P3T1035xUK offers the accuracy ±0.5 °C from 0 °C to +70 °C at VCC ≥ 1.62 V.
The P3T2030xUK offers the accuracy ±2 °C from -40 °C to +125 °C at VCC ≥ 1.62 V.
See detailed description of accuracy vs temperature and VCC range in Section 2 and Table 27.
The P3T1035xUK/P3T2030xUK is available in WLCSP4 package and has 8 factory-programmed device address options.

2 Features and benefits
• I3C and I2C interface
• Supply range: 1.4 V to 1.98 V
• Eight different device addresses (A through H) are available
• Programmable undertemperature and overtemperature registers
• Resolution: 12 bits (0.0625 °C); supports 8-bit reading
• Accuracy: P3T1035xUK
– 1.62 V ≤ VCC ≤ 1.98 V
– ±0.5 °C (maximum) from 0 °C to +70 °C
– ±1 °C (maximum) from -40 °C to +125 °C
– 1.4 V ≤ VCC < 1.62 V
– ±2 °C (maximum) from -20 °C to +100 °C
– ±3 °C (maximum) from -40 °C to +125 °C
• Accuracy: P3T2030xUK
– 1.62 V ≤ VCC ≤ 1.98 V
– ±2 °C (maximum) from -40 °C to +125 °C
– 1.4 V ≤ VCC < 1.62 V
– ±2 °C (maximum) from -20 °C to +100 °C
– ±3 °C (maximum) from -40 °C to +125 °C
• Low quiescent current: 6 μA supply current (typical).
• Package: wafer level chip-scale package, 4 terminals, 0.4 mm pitch, 0.91 mm x 0.855 mm x 0.455 mm body

3 Applications
• Portable devices
• IoT
• SSD
• Industrial controllers
• Servers
• PC/notebook




Similar Part No. - P3T1035AUK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P3T1035AUK NXP-P3T1035AUK Datasheet
712Kb / 46P
I3C, I2C-bus, 0.5 °C accuracy, digital temperature sensor
Rev. 1.1 - 10 November 2023
More results


Similar Description - P3T1035AUK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCT2075 NXP-PCT2075 Datasheet
1Mb / 37P
I2C-bus Fm, 1 degree C accuracy, digital temperature sensor and thermal watchdog
Rev. 3-21 May 2013
PCT2075_1307 NXP-PCT2075_1307 Datasheet
1Mb / 37P
I2C-bus Fm, 1 degree C accuracy, digital temperature sensor and thermal watchdog
Rev. 4-19 July 2013
logo
Texas Instruments
TMP275AIDR TI-TMP275AIDR Datasheet
832Kb / 19P
0.5 C Digital Out Temperature Sensor
logo
NXP Semiconductors
PCT2202 NXP-PCT2202 Datasheet
1Mb / 30P
Ultra low power, 1.8 V, 1 deg. C accuracy, digital temperature sensor with I2C-bus interface
Rev. 1.1-14 August 2015
logo
Texas Instruments
TMP139 TI-TMP139 Datasheet
2Mb / 58P
TMP139 0.5 째C Accuracy, JEDEC DDR5 Grade B, Digital Temperature Sensor With I2C and I3C Interface
logo
NXP Semiconductors
P3T1085UK NXP-P3T1085UK Datasheet
699Kb / 46P
I3C, I2C-bus, 0.5 °C accuracy, digital temperature sensor
Rev. 1.0 - 13 December 2022
P3T1755 NXP-P3T1755 Datasheet
553Kb / 43P
I3C, I2C-bus interface, 0.5 °C accuracy, digital temperature sensor
Rev. 1.1 - 4 January 2023
P3T1084UK NXP-P3T1084UK Datasheet
737Kb / 45P
I3C, I2C-bus, 0.4 °C accuracy, digital temperature sensor
Rev. 1.0 - 29 March 2023
logo
Microchip Technology
MCP9804 MICROCHIP-MCP9804_V01 Datasheet
1Mb / 52P
±0.25°C Typical Accuracy Digital Temperature Sensor
Revision D April 2018
logo
NXP Semiconductors
P3T1035XUK NXP-P3T1035XUK Datasheet
712Kb / 46P
I3C, I2C-bus, 0.5 °C accuracy, digital temperature sensor
Rev. 1.1 - 10 November 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com