Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3T1750DP Datasheet (PDF) - NXP Semiconductors

P3T1750DP Datasheet PDF - NXP Semiconductors
Part # P3T1750DP
Download  P3T1750DP Download
File Size   570.09 Kbytes
Page   42 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description I3C, I2C-bus interface, 1 °C accuracy, digital temperature sensor

P3T1750DP Datasheet (PDF)

Go To PDF Page Download Datasheet
P3T1750DP Datasheet PDF - NXP Semiconductors

Part # P3T1750DP
Download  P3T1750DP Click to download

File Size   570.09 Kbytes
Page   42 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description I3C, I2C-bus interface, 1 °C accuracy, digital temperature sensor

P3T1750DP Datasheet (HTML) - NXP Semiconductors


P3T1750DP Product details

1 General description
The P3T1750DP is a temperature-to-digital converter from -40 °C to +125 °C range. It uses an on-chip band
gap temperature sensor and A-to-D conversion technique with an overtemperature detection. The device
contains a number of configuration and data registers to store the device settings, such as device operation
mode, and a temperature register (Temp) to store the digital temp reading that can be communicated by a
controller via the 2-wire serial I3C (up to 12.5 MHz) and I2C (up to 3.4 MHz) interface.
The I2C interface supports up to 32 target addresses and an alert function which becomes active when the
temperature exceeds the programmed limits.
The I3C interface supports IBI (In Band Interrupt) where P3T1750DP emits its address into the arbitrated
address header on the I3C bus to notify the controller of an interrupt. It does not require an additional interrupt
pin.
The P3T1750DP can be configured for different operation conditions. It can be set in normal mode to
periodically monitor the ambient temperature, or in shut-down mode to minimize power consumption. The
temperature register always stores a 12-bit two's complement data, giving a temperature resolution of
0.0625 °C.
The Alert output operates in either of two selectable modes: Alert comparator mode or Alert interrupt mode. Its
active state can be selected as either HIGH or LOW. The fault queue that defines the number of consecutive
faults in order to activate the Alert output is programmable as well as the set-point limits.

2 Features and benefits
• I3C (up to 12.5 MHz) and I2C (up to 3.4 MHz) interface
– 32 I2C target addresses
– 32 I3C Provisional-ID
• Supply range: 1.4 V to 3.6 V
• Programmable overtemperature alerts
• Resolution: 12 bits (0.0625 °C)
• Accuracy:
– 1.4 V < VCC < 3.6 V
– ±1 °C (maximum) from -40 °C to +125 °C
• Low quiescent current: 4.1 μA supply current (typical)
• ESD protection exceeds 2000 V HBM per JS-001-2017 and 1000 V CDM per JS-002-2018
• Package: TSSOP8
• P3T1750DP/Q900 for automotive

3 Applications
• IoT
• Portable devices
• SSD
• Industrial controllers
• Servers
• PC/Notebook
• Automotive (P3T1750DP/Q900)




Similar Part No. - P3T1750DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P3T1755 NXP-P3T1755 Datasheet
553Kb / 43P
I3C, I2C-bus interface, 0.5 °C accuracy, digital temperature sensor
Rev. 1.1 - 4 January 2023
P3T1755 NXP-P3T1755 Datasheet
569Kb / 43P
I3C, I2C-bus interface, 0.5 °C accuracy, digital temperature sensor
Rev. 1.2 - 15 July 2024
P3T1755DP NXP-P3T1755DP Datasheet
553Kb / 43P
I3C, I2C-bus interface, 0.5 °C accuracy, digital temperature sensor
Rev. 1.1 - 4 January 2023
P3T1755DP NXP-P3T1755DP Datasheet
569Kb / 43P
I3C, I2C-bus interface, 0.5 °C accuracy, digital temperature sensor
Rev. 1.2 - 15 July 2024
P3T1755DP/Q900 NXP-P3T1755DP/Q900 Datasheet
553Kb / 43P
I3C, I2C-bus interface, 0.5 °C accuracy, digital temperature sensor
Rev. 1.1 - 4 January 2023
More results


Similar Description - P3T1750DP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
logo
NXP Semiconductors
PCT2075 NXP-PCT2075 Datasheet
1Mb / 37P
I2C-bus Fm, 1 degree C accuracy, digital temperature sensor and thermal watchdog
Rev. 3-21 May 2013
logo
Texas Instruments
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
Digital Temperature Sensor with I2C Interface
logo
NXP Semiconductors
PCT2075_1307 NXP-PCT2075_1307 Datasheet
1Mb / 37P
I2C-bus Fm, 1 degree C accuracy, digital temperature sensor and thermal watchdog
Rev. 4-19 July 2013
PCT2202 NXP-PCT2202 Datasheet
1Mb / 30P
Ultra low power, 1.8 V, 1 deg. C accuracy, digital temperature sensor with I2C-bus interface
Rev. 1.1-14 August 2015
logo
Texas Instruments
TMP139 TI-TMP139 Datasheet
2Mb / 58P
TMP139 0.5 째C Accuracy, JEDEC DDR5 Grade B, Digital Temperature Sensor With I2C and I3C Interface
logo
NXP Semiconductors
P3T1085UK NXP-P3T1085UK Datasheet
699Kb / 46P
I3C, I2C-bus, 0.5 °C accuracy, digital temperature sensor
Rev. 1.0 - 13 December 2022
P3T1755 NXP-P3T1755 Datasheet
553Kb / 43P
I3C, I2C-bus interface, 0.5 °C accuracy, digital temperature sensor
Rev. 1.1 - 4 January 2023
P3T1084UK NXP-P3T1084UK Datasheet
737Kb / 45P
I3C, I2C-bus, 0.4 °C accuracy, digital temperature sensor
Rev. 1.0 - 29 March 2023
P3T1035XUK NXP-P3T1035XUK Datasheet
712Kb / 46P
I3C, I2C-bus, 0.5 °C accuracy, digital temperature sensor
Rev. 1.1 - 10 November 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com