Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT34C02 Datasheet (PDF) - ON Semiconductor

CAT34C02 Datasheet PDF - ON Semiconductor
Part # CAT34C02
Download  CAT34C02 Download
File Size   359.43 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description EEPROM Serial 2-Kb I2C forDDR2 DIMM SPD

CAT34C02 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT34C02 Datasheet PDF - ON Semiconductor

Part # CAT34C02
Download  CAT34C02 Click to download

File Size   359.43 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description EEPROM Serial 2-Kb I2C forDDR2 DIMM SPD

CAT34C02 Datasheet (HTML) - ON Semiconductor


CAT34C02 Product details

Description
The CAT34C02 is a EEPROM Serial 2−Kb I2C, internally
organized as 16 pages of 16 bytes each, for a total of 256 bytes of 8 bits
each.
It features a 16−byte page write buffer and supports both the
Standard (100 kHz) as well as Fast (400 kHz) I2C protocol.
Write operations can be inhibited by taking the WP pin High (this
protects the entire memory) or by setting an internal Write Protect flag
via Software command (this protects the lower half of the memory).
In addition to Permanent Software Write Protection, the
CAT34C02 also features JEDEC compatible Reversible Software
Write Protection for DDR2 Serial Presence Detect (SPD)
applications operating over the 1.7 V to 3.6 V supply voltage range.
The CAT34C02 is fully backwards compatible with earlier
DDR1 SPD applications operating over the 1.7 V to 5.5 V supply
voltage range.

Features
• Supports Standard and Fast I2C Protocol
• 1.7 V to 5.5 V Supply Voltage Range
• 16−Byte Page Write Buffer
• Hardware Write Protection for Entire Memory
• Software Write Protection for Lower 128 Bytes
• Schmitt Triggers and Noise Suppression Filters on I2C Bus Inputs
(SCL and SDA)
• Low power CMOS Technology
• 1,000,000 Program/Erase Cycles
• 100 Year Data Retention
• Industrial and Extended Temperature Range
• This Device is Pb−Free, Halogen Free/BFR Free and RoHS
Compliant*




Similar Part No. - CAT34C02

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT34C02 CATALYST-CAT34C02 Datasheet
309Kb / 17P
2-Kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02 Datasheet
173Kb / 15P
2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02 ONSEMI-CAT34C02 Datasheet
171Kb / 14P
2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect TSSOP?? Y SUFFIX
March, 2011 ??Rev. 17
CAT34C02 ONSEMI-CAT34C02 Datasheet
171Kb / 14P
2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
March, 2011 ??Rev. 17
CAT34C02 ONSEMI-CAT34C02 Datasheet
229Kb / 17P
EEPROM Serial 2-Kb I2C forDDR2 DIMM SPD
May, 2018 ??Rev. 20
More results


Similar Description - CAT34C02

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT34C02 CATALYST-CAT34C02 Datasheet
309Kb / 17P
2-Kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
CAT34RC02 CATALYST-CAT34RC02_05 Datasheet
666Kb / 14P
2-kb I2C Serial EEPROM, Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02 Datasheet
173Kb / 15P
2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02 ONSEMI-CAT34C02_11 Datasheet
171Kb / 14P
2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect TSSOP?? Y SUFFIX
March, 2011 ??Rev. 17
CAT34C02VP2IGT4A ONSEMI-CAT34C02VP2IGT4A Datasheet
171Kb / 14P
2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
March, 2011 ??Rev. 17
N34C04 ONSEMI-N34C04 Datasheet
101Kb / 11P
4-Kb Serial SPD EEPROM for DDR4 DIMM
November, 2016 ??Rev. 0
CAT24AA01 ONSEMI-CAT24AA01_18 Datasheet
219Kb / 11P
EEPROM Serial 1/2-Kb I2C
April, 2018 ??Rev. 6
CAT34C02 ONSEMI-CAT34C02_18 Datasheet
229Kb / 17P
EEPROM Serial 2-Kb I2C forDDR2 DIMM SPD
May, 2018 ??Rev. 20
N34C04 ONSEMI-N34C04_18 Datasheet
198Kb / 13P
EEPROM Serial 4-Kb SPD
May, 2018 ??Rev. 2
NV34C02WF ONSEMI-NV34C02WF Datasheet
144Kb / 11P
EEPROM SPD 2-kb I2C
May, 2018 ??Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com