Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHF1104 Datasheet (PDF) - Solid States Devices, Inc

SHF1104 Datasheet PDF - Solid States Devices, Inc
Part # SHF1104
Download  SHF1104 Download
File Size   155.85 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 1 AMP 400 - 900 V Hyper Fast Rectifier

SHF1104 Datasheet (PDF)

Go To PDF Page Download Datasheet
SHF1104 Datasheet PDF - Solid States Devices, Inc

Part # SHF1104
Download  SHF1104 Click to download

File Size   155.85 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 1 AMP 400 - 900 V Hyper Fast Rectifier

SHF1104 Datasheet (HTML) - Solid States Devices, Inc


SHF1104 Product details

Features:
• Hyper fast recovery: 40 nsec maximum
• PIV to 1000 Volts, consult factory
• Hermetically sealed
• Void free construction
• For high efficiency applications
• Replaces UES 1104, UES1106, 1N6621-1N6625
• TX, TXV, and S level screening available2/




Similar Part No. - SHF1104

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SHF1104 SSDI-SHF1104 Datasheet
207Kb / 2P
1AMP 400-900V HYER FAST RECTIFIER
SHF1104 SSDI-SHF1104 Datasheet
105Kb / 2P
Hyper Fast Rectifier
SHF1104S SSDI-SHF1104S Datasheet
207Kb / 2P
1AMP 400-900V HYER FAST RECTIFIER
SHF1104SMS SSDI-SHF1104SMS Datasheet
207Kb / 2P
1AMP 400-900V HYER FAST RECTIFIER
SHF1104SMSS SSDI-SHF1104SMSS Datasheet
207Kb / 2P
1AMP 400-900V HYER FAST RECTIFIER
More results


Similar Description - SHF1104

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR3006HF SSDI-SDR3006HF Datasheet
166Kb / 2P
30A 35nsec 400 to 600 V Hyper Fast Rectifier
SDR4006HF SSDI-SDR4006HF Datasheet
167Kb / 2P
40A 35nsec 400 to 600 V Hyper Fast Rectifier
SDR6006HF SSDI-SDR6006HF Datasheet
167Kb / 2P
60A 35nsec 400 to 600 V Hyper Fast Rectifier
SHA2952TX SSDI-SHA2952TX Datasheet
134Kb / 2P
20A 35nsec 400 V Hyper Fast Positive Centertap Rectifier
SDR429 SSDI-SDR429 Datasheet
157Kb / 2P
1 AMP, 700 V Hyper Fast Rectifier
SHF1304 SSDI-SHF1304 Datasheet
138Kb / 2P
3 AMP, 400 - 800 Volts 40 - 50 nsec, Hyper Fast Rectifier
SDR1AHF SSDI-SDR1AHF Datasheet
72Kb / 2P
1 AMP 50 - 1200 V 35 nsec Hyper Fast Rectifier
SHF1204 SSDI-SHF1204 Datasheet
210Kb / 2P
2AMP 400-900V Hyper Fast Rectifier
logo
Micro Commercial Compon...
BA157 MCC-BA157 Datasheet
371Kb / 3P
1 Amp Fast Recovery Rectifier 400~1000 Volts
RA157E MCC-RA157E Datasheet
432Kb / 3P
1 Amp Fast Recovery Rectifier 400~1000 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com