Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL2-24 Datasheet (PDF) - Infinite Electronics International, Inc.

CL2-24 Datasheet PDF - Infinite Electronics International, Inc.
Part # CL2-24
Download  CL2-24 Download
File Size   193.68 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless brand 4 to 20 mA Current Loop Lightning and Surge Protectors

CL2-24 Datasheet (PDF)

Go To PDF Page Download Datasheet
CL2-24 Datasheet PDF - Infinite Electronics International, Inc.

Part # CL2-24
Download  CL2-24 Click to download

File Size   193.68 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless brand 4 to 20 mA Current Loop Lightning and Surge Protectors

CL2-24 Datasheet (HTML) - Infinite Electronics International, Inc.


CL2-24 Product details

Applications
 4 to 20 mA sensors and controllers
 Industrial process control
 HART Street light controllers
 Toll booths, drawbridges, railroad crossing gates &
signals
 Pulse input circuits

Features
 Dual Channel
 Three-Stage Protection
 Weather resistant enclosure
 Screw Terminal Blocks
 Available in 12V, 15V and 24V models

Description
The AL-CL2-xx series are high performance 3-stage outdoor protectors that provide superior protection of
differential or common mode lines from transients and surges. These units will protect two 4-20 mA circuits.
The first stage is comprised of a differential gas discharge tube. Stage two is a pair of current limiting series
resistors and the final stage is a low capacitance diode array. The use of three terminal differential gas discharge
tubes provides superior common and differential mode protection against
conducted transients versus the use of lower cost two terminal tubes. The
second stage series resistance limits the power dissipation of the fast diode
clamp array in the third stage. This allows time for the slower but higher
power gas tubes to flash over. The diode array clamps the leading edge of
fast transients to safe levels until the high power gas tubes turn on. This
eliminates the damaging leading edge spike that single stage gas tube
protectors let leak through. The diode array’s low capacitance assures that
the suppressor will not degrade the high-speed signals. The 3-stage design
can handle higher-level transients than a protector that uses only diodes.
For more complete surge protection of data lines, the use of two units is recommended, one at each end of the
line.
The compact weather resistant housing features a lockable hinged cover and mounting holes are provided on the
rear of the enclosure for mounting. The two cable grommets may be adjusted to cable size and are removable.




Similar Part No. - CL2-24

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
CL2-2.5R-12 BEL-CL2-2.5R-12 Datasheet
844Kb / 2P
Inherently or Non-Inherently Limited
CL2-2.5R-24 BEL-CL2-2.5R-24 Datasheet
844Kb / 2P
Inherently or Non-Inherently Limited
CL2-20-12 BEL-CL2-20-12 Datasheet
844Kb / 2P
Inherently or Non-Inherently Limited
CL2-20-24 BEL-CL2-20-24 Datasheet
844Kb / 2P
Inherently or Non-Inherently Limited
CL2-25-12 BEL-CL2-25-12 Datasheet
912Kb / 2P
Inherently or Non-Inherently Limited
More results


Similar Description - CL2-24

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD421 AD-AD421 Datasheet
171Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV.C
AD421BNZ AD-AD421BNZ Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421BRZRL AD-AD421BRZRL Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421_15 Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD7AST MSYSTEM-MD7AST Datasheet
127Kb / 4P
Lightning Surge Protectors for
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD73W MSYSTEM-MD73W Datasheet
122Kb / 3P
Lightning Surge Protectors for Lightning Surge Protectors for
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com