Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL4-12 Datasheet (PDF) - Infinite Electronics International, Inc.

CL4-12 Datasheet PDF - Infinite Electronics International, Inc.
Part # CL4-12
Download  CL4-12 Download
File Size   169.54 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless brand 4 to 20 mA Current Loop Lightning and Surge Protectors

CL4-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
CL4-12 Datasheet PDF - Infinite Electronics International, Inc.

Part # CL4-12
Download  CL4-12 Click to download

File Size   169.54 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless brand 4 to 20 mA Current Loop Lightning and Surge Protectors

CL4-12 Datasheet (HTML) - Infinite Electronics International, Inc.


CL4-12 Product details

Applications
 4 to 20 mA sensors and controllers
 Industrial process control
 HART Street light controllers
 Toll booths, drawbridges, railroad crossing gates & signals
 Pulse input circuits

Features
 Four Channel
 Low capacitance diode array
 Weather resistant enclosure
 Screw Terminal Blocks
 Available in 12V, 15V and 24V models

Description
High voltage transients caused by lightning strikes have the ability to easily destroy
semiconductor junctions, and thus, cause equipment failure and loss. A lightning strike
close to data lines can also cause induced ground currents that can also do serious
damage. The AL-CL4 series high performance lightning and surge protectors provide
superior protection of for up to four 4-20 mA circuits against these transients or surges.
The low capacitance diode array assures that the signals will not be degraded by the
suppressor. This is in comparison to protectors based on high capacitance TVS diodes.
For more complete protection, two units should be used, one on each end of the line.
The compact weather resistant housing features a lockable hinged cover and break-away holes are provided on
the rear of the enclosure for mounting. The cable grommet may be adjusted to cable size and are removable.




Similar Part No. - CL4-12

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CL4-15 L-COM-CL4-15 Datasheet
169Kb / 2P
HyperLink Wireless brand 4 to 20 mA Current Loop Lightning and Surge Protectors
More results


Similar Description - CL4-12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD421 AD-AD421 Datasheet
171Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV.C
AD421BNZ AD-AD421BNZ Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421BRZRL AD-AD421BRZRL Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421_15 Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD7AST MSYSTEM-MD7AST Datasheet
127Kb / 4P
Lightning Surge Protectors for
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD73W MSYSTEM-MD73W Datasheet
122Kb / 3P
Lightning Surge Protectors for Lightning Surge Protectors for
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com