Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D15P24DW Datasheet (PDF) - Infinite Electronics International, Inc.

D15P24DW Datasheet PDF - Infinite Electronics International, Inc.
Part # D15P24DW
Download  D15P24DW Download
File Size   171.08 Kbytes
Page   4 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Brand Weather Resistant Lightning and Surge Protector for RS-485 Control plus AC/DC Power Lines

D15P24DW Datasheet (PDF)

Go To PDF Page Download Datasheet
D15P24DW Datasheet PDF - Infinite Electronics International, Inc.

Part # D15P24DW
Download  D15P24DW Click to download

File Size   171.08 Kbytes
Page   4 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Brand Weather Resistant Lightning and Surge Protector for RS-485 Control plus AC/DC Power Lines

D15P24DW Datasheet (HTML) - Infinite Electronics International, Inc.


D15P24DW Product details

Applications
• RS-485 lines with AC or DC supply voltage
• Analog or IP video surveillance cameras
• Pool/spa and industrial controllers and keyboards
• Door/gate access control with RS-485 and power
• Pan-Tilt-Zoom (PTZ) camera controllers

Features
• Individual protection circuits for RS-485 control and power lines
• 3-Stage protection provided for all lines
• Will also protect two single ended data, analog or
control lines
• Available in AC or DC versions
• Impact and weather resistant enclosure with
locking hinged cover

Description
The HyperLink AL-D15P series are designed to provide superior lightning and surge protection for RS-485 control
and AC/DC power lines. These protectors incorporate individual protection circuits for the RS-485 control lines and
AC/DC power lines. All housed in one weatherproof resistant enclosure.
RS-485 Control Lines
A high power 3-stage design is used to provide protection for the RS-485 control line. The 3-stage design can
handle higher-level transients than a protector that uses only diodes. The first stage is comprised of a differential
gas discharge tube. Stage two is a pair of current limiting series resistors and the final stage is a low capacitance
diode array. The use of three terminal differential gas discharge tubes provides superior common and differential
mode protection against conducted transients versus the use of lower
cost two terminal tubes. The second stage series resistance limits the
power dissipation of the fast diode clamp array in the third stage.
This allows time for the slower but higher power gas tubes to flash
over. The diode array clamps the leading edge of fast transients to
safe levels until the high power gas tubes turn on. This eliminates the
damaging leading edge spike that single stage gas tube protectors let
leak through. The diode array’s low capacitance assures that the
protector will not degrade the high-speed signals. The RS-485 control
line is connected to the protector via its screw terminal blocks. The
AL-D15P series is designed to work with 1 half duplex RS-485 line.




Similar Part No. - D15P24DW

ManufacturerPart #DatasheetDescription
logo
FCI connector
D15P24A4GI00LF FCI-CONNECTOR-D15P24A4GI00LF Datasheet
140Kb / 1P
HEADER DELTA D STD EUROPE
D15P24A4GV00 FCI-CONNECTOR-D15P24A4GV00 Datasheet
91Kb / 1P
HDR DELTA D STD EUROPE
D15P24A4GV00LF FCI-CONNECTOR-D15P24A4GV00LF Datasheet
91Kb / 1P
HDR DELTA D STD EUROPE
D15P24B6PA00LF FCI-CONNECTOR-D15P24B6PA00LF Datasheet
108Kb / 1P
MALE CRS DELTA D STD EUROPE STRAIGHT SOLDER TYPE FOR PCB 2.4MM
More results


Similar Description - D15P24DW

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
FS-TD01D MORNSUN-FS-TD01D Datasheet
124Kb / 2P
EMC lightning surge protector
logo
Red Lion Controls. Inc
SP-TELCO REDLION-SP-TELCO Datasheet
275Kb / 1P
Telephone Line Surge and Lightning Protector
SP-ETH-2 REDLION-SP-ETH-2 Datasheet
392Kb / 1P
10/100BaseT(X) Ethernet Surge and Lightning Protector
logo
Laird Tech Smart Techno...
S8658WPR LSTD-S8658WPR Datasheet
637Kb / 1P
Weather and UV resistant radome
S9025P LSTD-S9025P Datasheet
737Kb / 2P
Weather and UV resistant radome
S9028PCL LSTD-S9028PCL Datasheet
694Kb / 1P
Weather and UV resistant radome
PAL86518H-FNF LSTD-PAL86518H-FNF Datasheet
2Mb / 1P
Weather and UV resistant radome
S8656XR LSTD-S8656XR Datasheet
240Kb / 2P
Weather resistant radome
logo
Microsemi Corporation
PD-OUT MICROSEMI-PD-OUT Datasheet
1Mb / 2P
Outdoor PoE Lightning Surge Protector
logo
M-System Co.,Ltd.
MD73W MSYSTEM-MD73W Datasheet
122Kb / 3P
Lightning Surge Protectors for Lightning Surge Protectors for
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com