Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2W-05 Datasheet (PDF) - Infinite Electronics International, Inc.

D2W-05 Datasheet PDF - Infinite Electronics International, Inc.
Part # D2W-05
Download  D2W-05 Download
File Size   235.78 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless brand Differential Data Line RS-422/485 and T1/E1/J1 Lightning Surge Protector

D2W-05 Datasheet (PDF)

Go To PDF Page Download Datasheet
D2W-05 Datasheet PDF - Infinite Electronics International, Inc.

Part # D2W-05
Download  D2W-05 Click to download

File Size   235.78 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless brand Differential Data Line RS-422/485 and T1/E1/J1 Lightning Surge Protector

D2W-05 Datasheet (HTML) - Infinite Electronics International, Inc.


D2W-05 Product details

Applications and Features

Applications:
 Protection of RS-422/485, RTDs and T1/E1/J1 Lines

Features:
 Three-Stage Protection
 Superior to diode or TVS only based
designs
 Impact and weather resistant enclosure
with locking hinged cover
 Screw Terminal Blocks

Description
The AL-D2W-05 is HyperLink’s outdoor version of its HGLN-D2-05 protector. This high performance 3-stage lightning protector
provides superior protection of differential or balanced digital or analog lines from transients and surges. The units will protect
two pairs of differential data or analog signal/control lines.
The first stage is comprised of a differential gas discharge tube. Stage two is a pair of current limiting series resistors and the
final stage is a low capacitance diode array. The use of three terminal differential gas discharge tubes provides superior common
and differential mode protection against conducted transients versus the
use of lower cost two terminal tubes. The second stage series resistance
limits the power dissipation of the fast diode clamp array in the third
stage. This allows time for the slower but higher power gas tubes to flash
over. The diode array clamps the leading edge of fast transients to safe
levels until the high power gas tubes turn on. This eliminates the
damaging leading edge spike that single stage gas tube protectors let
leak through. The diode array’s low capacitance assures that the
suppressor will not degrade the high-speed signals. The 3-stage design
can handle higher-level transients than a protector that uses only diodes.
For more complete surge protection of data lines, the use of two units is
recommended, one at each end of the line.
Outdoor Use
The compact weather resistant housing features a lockable hinged cover and mounting holes are provided on the rear of the
enclosure for mounting. The two cable grommets may be adjusted to cable size and are removable.
Application Note:
Not for use with T1 line with Ring or DC Power.




Similar Part No. - D2W-05

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
D2W-12 L-COM-D2W-12 Datasheet
234Kb / 2P
HyperLink Wireless brand Differential Data Line Lightning Surge Protector for Sensors, Control Lines & RS-232
More results


Similar Description - D2W-05

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96172 NSC-DS96172 Datasheet
209Kb / 6P
RS-485/RS-422 Quad Differential Line Drivers
DS96173 NSC-DS96173 Datasheet
173Kb / 6P
RS-485/RS-422 Quad Differential Line Receivers
DS96176 NSC-DS96176 Datasheet
344Kb / 12P
RS-485/RS-422 Differential Bus Transceiver
DS96177 NSC-DS96177 Datasheet
262Kb / 8P
RS-485/RS-422 Differential Bus Repeater
logo
Bourns Electronic Solut...
1830 BOURNS-1830 Datasheet
392Kb / 1P
T1/E1 Surge Protector
logo
Texas Instruments
DS96172 TI1-DS96172_15 Datasheet
770Kb / 13P
RS-485/RS-422 Quad Differential Line Drivers
DS96173 TI1-DS96173_15 Datasheet
747Kb / 11P
RS-485/RS-422 Quad Differential Line Receivers
DS96176 TI1-DS96176_15 Datasheet
820Kb / 13P
RS-485/RS-422 Differential Bus Transceiver
logo
Red Lion Controls. Inc
SP-TELCO REDLION-SP-TELCO Datasheet
275Kb / 1P
Telephone Line Surge and Lightning Protector
logo
Maxim Integrated Produc...
DS21348 MAXIM-DS21348 Datasheet
792Kb / 76P
3.3V E1/T1/J1 Line Interface
REV: 011206
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com