Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECF504-AA48 Datasheet (PDF) - Infinite Electronics International, Inc.

ECF504-AA48 Datasheet PDF - Infinite Electronics International, Inc.
Part # ECF504-AA48
Download  ECF504-AA48 Download
File Size   87.76 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Panel Mountable USB Lightning / Surge Protector with Pigtail – USB Type A/A

ECF504-AA48 Datasheet (PDF)

Go To PDF Page Download Datasheet
ECF504-AA48 Datasheet PDF - Infinite Electronics International, Inc.

Part # ECF504-AA48
Download  ECF504-AA48 Click to download

File Size   87.76 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Panel Mountable USB Lightning / Surge Protector with Pigtail – USB Type A/A

ECF504-AA48 Datasheet (HTML) - Infinite Electronics International, Inc.


ECF504-AA48 Product details

Applications
• WiFi Adapters
• Serial adapters
• Phone and DSL Modems
• Surveillance Cameras
• Printers and computer peripheral devices

Features
• USB 1.0 and 2.0 compatible
• Power and data line protection
• Allows USB cables to be passed through panels or
enclosures
• Shielded housing with shielded pigtail cable in
lengths from 12” to 72”
• Type A Female Bulkhead to Male connectors

Description
L-com’s AL-ECF504-AAxx series USB surge protectors are a commercial quality device designed to protect a
computer’s sensitive USB ports from power surges and spikes from attached devices. To ensure USB 2.0 speeds,
the device uses ultra-low capacitance diodes to protect the data lines. In addition, a protection device clamps the
power lines to safe levels. This USB surge protector is ideal for protecting a PC from WiFi client adapters and
surveillance cameras used with long USB extender cables. Other uses include protection from surges when using
USB-RS422/485 converters with long cables.
The AL-ECF504-AAxx can be mounted in an enclosure, panel, wall plate, or used in-line as a standalone product.
It features a fully shielded pigtail cable available in lengths from 12” to 72”.




Similar Part No. - ECF504-AA48

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ECF504-AA L-COM-ECF504-AA Datasheet
71Kb / 1P
ADPT USB A-A COUPLER KIT
9/11/13
ECF504-AA12 L-COM-ECF504-AA12 Datasheet
87Kb / 2P
Panel Mountable USB Lightning / Surge Protector with Pigtail – USB Type A/A
ECF504-AA24 L-COM-ECF504-AA24 Datasheet
87Kb / 2P
Panel Mountable USB Lightning / Surge Protector with Pigtail – USB Type A/A
ECF504-AA36 L-COM-ECF504-AA36 Datasheet
87Kb / 2P
Panel Mountable USB Lightning / Surge Protector with Pigtail – USB Type A/A
ECF504-AA72 L-COM-ECF504-AA72 Datasheet
87Kb / 2P
Panel Mountable USB Lightning / Surge Protector with Pigtail – USB Type A/A
More results


Similar Description - ECF504-AA48

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
2545A-04GXT SUYIN-USA-2545A-04GXT Datasheet
81Kb / 1P
USB A TYPE
020137MR SUYIN-USA-020137MR Datasheet
112Kb / 1P
USB A TYPE R/A DIP TYPE
logo
Wurth Elektronik GmbH &...
61400416021 WURTH-61400416021 Datasheet
816Kb / 2P
USB FEMALE R/A A TYPE
logo
MORNSUN Science& Techno...
FS-TD01D MORNSUN-FS-TD01D Datasheet
124Kb / 2P
EMC lightning surge protector
logo
Tripp Lite. All Rights ...
M100-003-LRA-WH TRIPPLITE-M100-003-LRA-WH Datasheet
162Kb / 3P
Right-Angle Lightning Cable, USB Type-A to Lightning, 3 ft. Cord, Reversible Lightning Plug
M100-006-LRA-WH TRIPPLITE-M100-006-LRA-WH Datasheet
162Kb / 3P
Right-Angle Lightning Cable, USB Type-A to Lightning, 6 ft. Cord, Reversible Lightning Plug
logo
Microsemi Corporation
PD-OUT MICROSEMI-PD-OUT Datasheet
1Mb / 2P
Outdoor PoE Lightning Surge Protector
logo
Bel Fuse Inc.
SS-52100-001 BEL-SS-52100-001 Datasheet
616Kb / 1P
USB Type-A Connectors
logo
Pepperl+Fuchs Inc.
VAZ-SIMON-USB PF-VAZ-SIMON-USB Datasheet
117Kb / 1P
USB Type A to Micro-USB connector
logo
Molex Electronics Ltd.
847271001 MOLEX-847271001 Datasheet
116Kb / 1P
PLUG, USB TYPE-A, SHIELDED, PIGTAIL CIC
10/05/04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com