Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7134 Datasheet (PDF) - NXP Semiconductors

SAA7134 Datasheet PDF - NXP Semiconductors
Part # SAA7134
Download  SAA7134 Download
File Size   211.91 Kbytes
Page   52 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description PCI audio and video broadcast decoder

SAA7134 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAA7134 Datasheet PDF - NXP Semiconductors

Part # SAA7134
Download  SAA7134 Click to download

File Size   211.91 Kbytes
Page   52 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description PCI audio and video broadcast decoder

SAA7134 Datasheet (HTML) - NXP Semiconductors


SAA7134 Product details

GENERAL DESCRIPTION
The SAA7134HL is a single chip solution to digitize and decode video and sound, and to capture both data streams through the PCI-bus.

FEATURES
PCI and DMA bus mastering
• PCI 2.2 compliant including full Advanced Configuration and Power Interface (ACPI)
• System vendor ID, etc. via EEPROM
• Hardware support for virtual addressing by MMU
• DMA bus master write for video, audio, VBI and TS
• Configurable PCI FIFOs, graceful overflow
• Packed and planar video formats, overlay clipping.

TV video decoder and video scaling
• All-standards TV decoder: NTSC, PAL and SECAM
• Five analog video inputs: CVBS and S-video
• Video digitizing by two 9-bit ADCs at 27 MHz
• Sampling according ITU-R BT.601 with 720 pixels/line
• Adaptive comb filter for NTSC and PAL, also operating for non-standard signals
• Automatic TV standard detection
• Three level Macrovision copy protection detection according to Macrovision Detect specification Revision 1
• Control of brightness, contrast, saturation and hue
• Versatile filter bandwidth selection
• Horizontal and vertical downscaling or zoom
• Adaptive anti-alias filtering
• Capture of raw VBI samples
• Two alternating settings for active video scaling
• Output in YUV and RGB
• Gamma compensation, black stretching.

TV sound decoder and audio I/O
• TV stereo decoding for NICAM and dual FM
• Audio sampling locked to video field rate, no drift of audio stream against video stream
• On-chip stereo audio ADCs and DACs (2 × 16-bit)
• Sampling rate, e.g. 32, 44.1 and 48 kHz
• Integrated analog audio pass-through for analog audio loop back cable to sound card.

Peripheral interface
• I2C-bus master interface: 3.3 and 5 V
• Digital video output: ITU and VIP formats
• TS input: serial or parallel
• General purpose I/O, e.g. for strapping and interrupt
• Propagate reset and ACPI state D3-hot.

General
• Package: LQFP128
• Power supply: 3.3 V only
• Power consumption of typical application: 1 W
• Power-down state (D3-hot): <20 mW
• All interface signals 5 V tolerant
• Reference designs available
• SDK for Windows (95, 98, NT, 2000 and XP), Video for Windows (VfW) and Windows Driver Model (WDM).




Similar Part No. - SAA7134

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7130 PHILIPS-SAA7130 Datasheet
196Kb / 48P
PCI video broadcast decoder
2002 Apr 23
SAA7130HL PHILIPS-SAA7130HL Datasheet
196Kb / 48P
PCI video broadcast decoder
2002 Apr 23
SAA7131 PHILIPS-SAA7131 Datasheet
5Mb / 94P
FULL MPEG1 VIDEO AND AUDIO DECODER (FMPEG)
May 1995
SAA7131A PHILIPS-SAA7131A Datasheet
5Mb / 94P
FULL MPEG1 VIDEO AND AUDIO DECODER (FMPEG)
May 1995
SAA7131E NXP-SAA7131E Datasheet
335Kb / 66P
Global standard low-IF demodulator and PCI audio and video decoder for analog TV
Rev. 03-19 May 2008
More results


Similar Description - SAA7134

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7130HL PHILIPS-SAA7130HL Datasheet
196Kb / 48P
PCI video broadcast decoder
2002 Apr 23
logo
List of Unclassifed Man...
BT878 ETC-BT878 Datasheet
8Mb / 158P
Single-Chip Video and Broadcast Audio Capture for the PCI Bus
logo
Synaptics Incorporated.
CX23880 CONEXANT-CX23880 Datasheet
760Kb / 8P
PCl Audio/Video Broadcast Decoder
logo
NXP Semiconductors
SAA7133HL PHILIPS-SAA7133HL Datasheet
227Kb / 52P
PCI audio and video broadcast decoder
2003 Feb 04
logo
Synaptics Incorporated.
CX25843 CONEXANT-CX25843 Datasheet
260Kb / 4P
Single-Chip Broadcast Audio/Video Decoder
logo
NXP Semiconductors
SAA7162E NXP-SAA7162E Datasheet
133Kb / 18P
PCI Express based dual channel multistandard audio and video decoder
Rev. 02-13 August 2007
logo
Synaptics Incorporated.
CX23885 CONEXANT-CX23885 Datasheet
216Kb / 2P
PCI Express Broadcast Audio/Video
CX23888 CONEXANT-CX23888 Datasheet
208Kb / 2P
PCI Express Broadcast Audio/Video
logo
General Cable Technolog...
C1202 GENERAL-C1202 Datasheet
73Kb / 1P
Audio/Video & Broadcast Cable
C1331A GENERAL-C1331A Datasheet
74Kb / 1P
Audio/Video & Broadcast Cable
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com