Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM45N80LD Datasheet (PDF) - Rectron Semiconductor

RM45N80LD Datasheet PDF - Rectron Semiconductor
Part # RM45N80LD
Download  RM45N80LD Download
File Size   233.07 Kbytes
Page   5 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel Trench MOSFET

RM45N80LD Datasheet (PDF)

Go To PDF Page Download Datasheet
RM45N80LD Datasheet PDF - Rectron Semiconductor

Part # RM45N80LD
Download  RM45N80LD Click to download

File Size   233.07 Kbytes
Page   5 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel Trench MOSFET

RM45N80LD Datasheet (HTML) - Rectron Semiconductor


RM45N80LD Product details

Features
High Efficiency
Low Dense Cell Design
VDS>80V
RDS(ON)<7mΩ@VGS=10V
RDS(ON)<8.5mΩ@VGS=4.5V
improved dv/dt capability




Similar Part No. - RM45N80LD

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM45N600T2 RECTRON-RM45N600T2 Datasheet
539Kb / 7P
POWER FIELD EFFECT TRANSISTOR
2020-05/71 REV:B
RM45N600T7 RECTRON-RM45N600T7 Datasheet
539Kb / 7P
POWER FIELD EFFECT TRANSISTOR
2020-05/71 REV:B
RM45N60DF RECTRON-RM45N60DF Datasheet
621Kb / 9P
N-Channel Enhancement Mode Power MOSFET
2018-06/15 REV:A
More results


Similar Description - RM45N80LD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC2674 FAIRCHILD-FDMC2674 Datasheet
334Kb / 6P
N-Channel UltraFET Trench MOSFET
logo
List of Unclassifed Man...
PFB6000 ETC2-PFB6000 Datasheet
130Kb / 3P
N-CHANNEL TRENCH MOSFET
logo
AUK corp
STK001SF AUK-STK001SF Datasheet
325Kb / 8P
N-channel Trench MOSFET
STK003SF AUK-STK003SF Datasheet
327Kb / 8P
N-channel Trench MOSFET
STK004SF AUK-STK004SF Datasheet
324Kb / 8P
N-channel Trench MOSFET
SUF1002 AUK-SUF1002 Datasheet
457Kb / 8P
Dual N-channel Trench MOSFET
logo
Solid States Devices, I...
FT0021 SSDI-FT0021_15 Datasheet
43Kb / 2P
N-Channel Trench Gate MOSFET
logo
SemiHow Co.,Ltd.
HRP45N06K SEMIHOW-HRP45N06K Datasheet
1Mb / 8P
60V N-Channel Trench MOSFET
logo
Unisonic Technologies
UTN6266 UTC-UTN6266 Datasheet
272Kb / 7P
N-CHANNEL TRENCH MOSFET
logo
Shanghai Leiditech Elec...
LM3043N LEIDITECH-LM3043N Datasheet
771Kb / 5P
N-Channel Trench MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com