Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM5N500IP Datasheet (PDF) - Rectron Semiconductor

RM5N500IP Datasheet PDF - Rectron Semiconductor
Part # RM5N500IP
Download  RM5N500IP Download
File Size   257.61 Kbytes
Page   7 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel Enhancement Mode Power MOSFET

RM5N500IP Datasheet (PDF)

Go To PDF Page Download Datasheet
RM5N500IP Datasheet PDF - Rectron Semiconductor

Part # RM5N500IP
Download  RM5N500IP Click to download

File Size   257.61 Kbytes
Page   7 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel Enhancement Mode Power MOSFET

RM5N500IP Datasheet (HTML) - Rectron Semiconductor


RM5N500IP Product details

General Features
VDS =500V,ID =5A
RDS(ON) <1.5 @ VGS=10V
High density cell design for ultra low Rdson
Fully characterized avalanche voltage and current
Good stability and uniformity with high EAS
Excellent package for good heat dissipation
Special process technology for high ESD capability




Similar Part No. - RM5N500IP

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM5N150D3 RECTRON-RM5N150D3 Datasheet
166Kb / 6P
N-Channel Enhancement Mode Power MOSFET
2021-09/69 REV:B
RM5N150S8 RECTRON-RM5N150S8 Datasheet
185Kb / 4P
N-Channel Enhancement Mode Power MOSFET
2020-03/69 REV:B
RM5N30S6 RECTRON-RM5N30S6 Datasheet
222Kb / 6P
N-Ch 30V Fast Switching MOSFETs
2022-03/83 REV:O
RM5N40S2 RECTRON-RM5N40S2 Datasheet
251Kb / 7P
N-Channel Enhancement Mode Power MOSFET
REV:A 2023-02/59
RM5N40S2V RECTRON-RM5N40S2V Datasheet
1Mb / 7P
N-Channel Enhancement Mode Power MOSFET
2023-06/59 REV:O
More results


Similar Description - RM5N500IP

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com