Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM60N30DF Datasheet (PDF) - Rectron Semiconductor

RM60N30DF Datasheet PDF - Rectron Semiconductor
Part # RM60N30DF
Download  RM60N30DF Download
File Size   236.09 Kbytes
Page   9 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel Enhancement Mode Power MOSFET

RM60N30DF Datasheet (PDF)

Go To PDF Page Download Datasheet
RM60N30DF Datasheet PDF - Rectron Semiconductor

Part # RM60N30DF
Download  RM60N30DF Click to download

File Size   236.09 Kbytes
Page   9 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel Enhancement Mode Power MOSFET

RM60N30DF Datasheet (HTML) - Rectron Semiconductor


RM60N30DF Product details

General Features
VDS = 30V,I D = 58A
RDS(ON) < 14mΩ @ VGS=4.5V
RDS(ON) < 8.5mΩ @ VGS=10V
High Power and current handing capability
Lead free product is acquired
Surface mount package




Similar Part No. - RM60N30DF

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM60N100ADF RECTRON-RM60N100ADF Datasheet
693Kb / 7P
N-Channel Super Trench Power MOSFET
201 REV: 9- O 03/15
RM60N100DF RECTRON-RM60N100DF Datasheet
395Kb / 8P
N-Channel Super Trench Power MOSFET
2017-12/15 REV:A
RM60N100T2 RECTRON-RM60N100T2 Datasheet
1Mb / 7P
N-Channel Enhancement Mode Power MOSFET
2022-09/15 REV:B
RM60N150DF RECTRON-RM60N150DF Datasheet
196Kb / 7P
N-Channel Super Trench Power MOSFET
2023-08/113 REV:O
RM60N150T2 RECTRON-RM60N150T2 Datasheet
200Kb / 7P
N-Channel Power MOSFET
2022-10/69 REV:O
More results


Similar Description - RM60N30DF

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com