Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10A2 Datasheet (PDF) - Won-Top Electronics

10A2 Datasheet PDF - Won-Top Electronics
Part # 10A2
Download  10A2 Download
File Size   54.31 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 10A STANDARD DIODE

10A2 Datasheet (PDF)

Go To PDF Page Download Datasheet
10A2 Datasheet PDF - Won-Top Electronics

Part # 10A2
Download  10A2 Click to download

File Size   54.31 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 10A STANDARD DIODE

10A2 Datasheet (HTML) - Won-Top Electronics


10A2 Product details

Features

Diffused Junction

Low Forward Voltage Drop

High Current Capability

High Reliability

High Surge Current Capability




Similar Part No. - 10A2

ManufacturerPart #DatasheetDescription
logo
Bytes
10A2 BYTES-10A2 Datasheet
190Kb / 2P
10.0 AMP SILICON RECTIFIERS
logo
List of Unclassifed Man...
10A2 ETC1-10A2 Datasheet
574Kb / 2P
10.0 Amps. General Purpose Plastic Rectifiers Voltage Range 50 to 1000 Volts Forward Current 10.0 Amperes
logo
Rectron Semiconductor
10A2 RECTRON-10A2 Datasheet
27Kb / 2P
SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 10 Amperes
logo
DAESAN ELECTRONIC CORP.
10A2 DAESAN-10A2 Datasheet
309Kb / 2P
CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
10A2 BILIN-10A2 Datasheet
55Kb / 2P
PLASTIC SILICON RECTIFIER
More results


Similar Description - 10A2

ManufacturerPart #DatasheetDescription
logo
Eldeco Srl
BLH31-H ELDECO-BLH31-H Datasheet
506Kb / 1P
Standard : UL - IEC 300V-130V 10A-10A
BLT31-H ELDECO-BLT31-H Datasheet
513Kb / 1P
Standard : UL - IEC 300V-130V 10A - 10A
BLT31-V ELDECO-BLT31-V Datasheet
516Kb / 1P
Standard : UL - IEC 300V - 130V 10A - 10A
MRB31-3.5-V ELDECO-MRB31-3.5-V Datasheet
504Kb / 1P
Standard : UL - IEC 300V - 250V 10A - 10A
MRD31-L ELDECO-MRD31-L Datasheet
376Kb / 1P
Standard : UL - IEC 300V - 250V 10A - 10A
MRD31-R ELDECO-MRD31-R Datasheet
375Kb / 1P
Standard : UL - IEC 300V - 250V 10A - 10A
MRH31 ELDECO-MRH31 Datasheet
520Kb / 1P
Standard : UL - IEC 300V - 250V 10A - 10A
logo
Digitron Semiconductors
MUR10120E DIGITRON-MUR10120E Datasheet
165Kb / 2P
10A STANDARD RECOVERY RECTIFIER
logo
SUNMATE electronic Co.,...
10A05 SUNMATE-10A05 Datasheet
96Kb / 2P
10A Axial Leaded Standard Diode
logo
Zibo Seno Electronic En...
10A05 ZSELEC-10A05 Datasheet
202Kb / 2P
10A STANDARD DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com