Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ1CZ41H2ZXH Datasheet (PDF) - Sharp Corporation

PQ1CZ41H2ZXH Datasheet PDF - Sharp Corporation
Part # PQ1CZ41H2ZXH
Download  PQ1CZ41H2ZXH Download
File Size   159.45 Kbytes
Page   5 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description TO-220 Type Chopper Regulator, built-in 300kHz oscillation circuit

PQ1CZ41H2ZXH Datasheet (PDF)

Go To PDF Page Download Datasheet
PQ1CZ41H2ZXH Datasheet PDF - Sharp Corporation

Part # PQ1CZ41H2ZXH
Download  PQ1CZ41H2ZXH Click to download

File Size   159.45 Kbytes
Page   5 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description TO-220 Type Chopper Regulator, built-in 300kHz oscillation circuit

PQ1CZ41H2ZXH Datasheet (HTML) - Sharp Corporation


PQ1CZ41H2ZXH Product details

Features
1. Maximum switching current: 1.5A
2. Built-in ON-OFF control function
3. Built-in soft start function to suppress overshoot of output
   voltage in power on sequence or ON/OFF control sequence
4. Built-in oscillation circuit
   (Oscillation frequency:TYP.300kHz)
5. Built-in overheat protection function,overcurrent protection
   function
6. SC-63 Surface Mount Type package
7. Variable output voltage
   (Output variable range: Vref to 35V/–Vref to –30V)
   [Possible to select step-down output/inversing output
   according to external connection circuit]
8. PQ1CZ41H2ZZH: Sleeve-packaged product
   PQ1CZ41H2ZPH: Tape-packaged product
9. RoHS directive compliant

Applications
1. Color TV,STB
2. LCD monitors
3. Facsimiles,plinters and other OA equipment
4. CD-ROM drives/DVD-ROM drivers
5. Air conditioners




Similar Part No. - PQ1CZ41H2ZXH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1CZ1 SHARP-PQ1CZ1 Datasheet
79Kb / 8P
Surface Mount Type Chopper Regulator
PQ1CZ1 SHARP-PQ1CZ1 Datasheet
79Kb / 8P
Surface Mount Type Chopper Regulator
PQ1CZ1T SHARP-PQ1CZ1T Datasheet
79Kb / 8P
Surface Mount Type Chopper Regulator
PQ1CZ21H2Z SHARP-PQ1CZ21H2Z Datasheet
85Kb / 8P
Low Dissipation Current at OFF-state Chopper Regulator
PQ1CZ21H2ZP SHARP-PQ1CZ21H2ZP Datasheet
85Kb / 8P
Low Dissipation Current at OFF-state Chopper Regulator
More results


Similar Description - PQ1CZ41H2ZXH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1CF1 SHARP-PQ1CF1 Datasheet
28Kb / 3P
TO-220 Package Chopper Regulator
PQ1CF2 SHARP-PQ1CF2 Datasheet
29Kb / 3P
TO-220 Package Chopper Regulator
PQ1CG3032FZ SHARP-PQ1CG3032FZ Datasheet
90Kb / 8P
TO 220 TYPE CHOPPER REGULATOR
PQ1CG21H2FZ SHARP-PQ1CG21H2FZ_01 Datasheet
69Kb / 6P
Chopper Regulators TO-220 Type Chopper Regulators
PQ1CG38M2FZH SHARP-PQ1CG38M2FZH Datasheet
157Kb / 5P
TO-220 Type Chopper Regulator, built-in 300kHz oscillation circuit
PQ1CG38M2FZ SHARP-PQ1CG38M2FZ Datasheet
92Kb / 6P
TO-220 Type Chopper Regulator, built-in 300kHz oscillation circuit
PQ1CG41H2FZ SHARP-PQ1CG41H2FZ Datasheet
82Kb / 4P
TO-220 Type Chopper Regulator built-in 300kHz oscillation circuit
PQ1CZ38M2Z SHARP-PQ1CZ38M2Z Datasheet
88Kb / 6P
Chopper Regulator built-in 300kHz oscillation circuit
PQ1CG41H2FZH SHARP-PQ1CG41H2FZH Datasheet
144Kb / 5P
TO-220 Type Chopper Regulator Built-in 300kHz oscillation circuit
PQ1CG2032FZH SHARP-PQ1CG2032FZH Datasheet
147Kb / 5P
TO-220 Type Chopper Regulator
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com