Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7206 Datasheet (PDF) - NXP Semiconductors

SAA7206 Datasheet PDF - NXP Semiconductors
Part # SAA7206
Download  SAA7206 Download
File Size   193.8 Kbytes
Page   52 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description DVB compliant descrambler

SAA7206 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAA7206 Datasheet PDF - NXP Semiconductors

Part # SAA7206
Download  SAA7206 Click to download

File Size   193.8 Kbytes
Page   52 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description DVB compliant descrambler

SAA7206 Datasheet (HTML) - NXP Semiconductors


SAA7206 Product details

GENERAL DESCRIPTION
The SAA7206H (DVB compliant) is designed for use in MPEG-2 based digital TV receivers, incorporating conditional access filters. Such receivers are to be implemented in, for instance, a digital video broadcasting top set box, or an integrated digital TV receiver.

FEATURES
• Input data fully compliant with the Transport Stream (TS) definition of the MPEG-2 systems specification
• Input data signals; [Forward Error Correction (FEC) Interface]
    – modem data input bus (8-bit wide)
    – valid input data indicator
    – erroneous packet indicator
    – first packet byte indicator
    – byte strobe signal (for asynchronous mode only).
        The interface can be programmed to one of two modes:
    – Asynchronous mode; byte strobe input signal (MBCLK) < 9 MHz, for connection to a modem (FEC)
    – Synchronous mode; MBCLK is not used. Data is delivered to the descrambler synchronized with the chip clock (DCLK) [9 MHz (typ.) with a 33% duty cycle].
• No external memory
• Effective bit rate; fbit ≤ 72 MHz
• Control interface; 8-bit multiplexed data/address, memory mapped I/O (90CE201 microcontroller parallel bus compatible), in combination with a microcontroller interrupt signal (IRQ)
• Output ports are identical to the input data interface (demultiplexer interface)
    – except for the packet error indicator (MB/MB), as the descrambler translates an active MB signal to the ‘transport_error_indicator’ bit in the transport stream
    – except for the byte strobe input signal (MBCLK), as data is delivered to the demultiplexer, synchronized with the descrambler chip clock which is generated by the demultiplexer
• Descrambler, based on the super descrambler mechanism algorithm with stream decipher and block decipher. The descrambler is initialized with a 64-bit Control Word (CW) at the beginning of a transport stream packet payload of a selected Packet Identification (PID). The descrambler operates on transport stream packet or Packetized Elementary Stream (PES) packet payloads
• Microcontroller support; only for control, no specific descrambling tasks are performed by the microcontroller. However, parsing and processing of conditional access information (such as EMM and ECM data) is left to the system microcontroller
• Boundary scan test port for boundary scan.




Similar Part No. - SAA7206

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7201 PHILIPS-SAA7201 Datasheet
292Kb / 36P
Integrated MPEG2 AVG decoder
1997 Jan 29
SAA7201H PHILIPS-SAA7201H Datasheet
292Kb / 36P
Integrated MPEG2 AVG decoder
1997 Jan 29
SAA7205 PHILIPS-SAA7205 Datasheet
363Kb / 84P
MPEG-2 systems demultiplexer
1997 Jan 21
SAA7205H PHILIPS-SAA7205H Datasheet
363Kb / 84P
MPEG-2 systems demultiplexer
1997 Jan 21
SAA7207H PHILIPS-SAA7207H Datasheet
98Kb / 20P
Reed Solomon decoder IC
1996 Jul 17
More results


Similar Description - SAA7206

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD4440T PHILIPS-PCD4440T Datasheet
105Kb / 20P
Analog voice scrambler/descrambler
1996 Dec 20
logo
Hynix Semiconductor
HDM8513A HYNIX-HDM8513A Datasheet
261Kb / 67P
DVB/DSS Compliant Receiver
HDM8515 HYNIX-HDM8515 Datasheet
272Kb / 75P
DVB/DSS Compliant Receiver
logo
Cypress Semiconductor
CY7C9335 CYPRESS-CY7C9335 Datasheet
144Kb / 7P
SMPTE-259M/DVB-ASI Descrambler/Framer-Controller
logo
ATMEL Corporation
AT76C651B ATMEL-AT76C651B Datasheet
82Kb / 7P
Digital Reception/ Transmission IC Integrated DVB compliant QAM Demodulator
logo
STMicroelectronics
STV0362 STMICROELECTRONICS-STV0362 Datasheet
77Kb / 3P
Low-power and ultra compact DVB-T single chip receiver DVB-H broadcast compliant
10-Mar-2006
logo
Cypress Semiconductor
CY7C9335 CYPRESS-CY7C9335_02 Datasheet
139Kb / 8P
SMPTE-259M/DVB-ASI Descrambler/Framer-Controller
CY7C9335A CYPRESS-CY7C9335A Datasheet
92Kb / 8P
SMPTE-259M/DVB-ASI Descrambler/Framer-Controller
logo
Silicon Laboratories
SI2165 SILABS-SI2165 Datasheet
80Kb / 2P
Multi-Standard DVB-T and DVB-C Demodulator
logo
Skyworks Solutions Inc.
SI2165 SKYWORKS-SI2165 Datasheet
189Kb / 2P
Multi-Standard DVB-T and DVB-C Demodulator
August 11, 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com