Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1242228 Datasheet (PDF) - PHOENIX CONTACT

1242228 Datasheet PDF - PHOENIX CONTACT
Part # 1242228
Download  1242228 Download
File Size   570.63 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SF-7EP1N8ACLB1X - Rear panel feed-through

1242228 Datasheet (PDF)

Go To PDF Page Download Datasheet
1242228 Datasheet PDF - PHOENIX CONTACT

Part # 1242228
Download  1242228 Click to download

File Size   570.63 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SF-7EP1N8ACLB1X - Rear panel feed-through

1242228 Datasheet (HTML) - PHOENIX CONTACT


1242228 Product details

Rear panel feed-through, straight long, Screw locking mechanism, M23, number of positions:
4+3+PE, contact connection type: Pin, Axial O-ring, 4xM3, shielded: yes, degree of protection:
IP67, cable diameter range: 15 mm ... 18 mm, number of positions: 8, connection method: Crimp
connection, series: SF, Item is lead-free in accordance with RoHS II without Exemption 6c (Pb
< 0.1 %)

Your advantages
• Consistent EMC protection for reliable connection solutions in the industrial environment
• Crimping connection: vibration- and temperature-resistant assembly
• Flexible use: reliably connect various cable diameters




Similar Part No. - 1242228

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1242220 PHOENIX-1242220 Datasheet
552Kb / 12P
SF-5EP1N8ACLB1X - Rear panel feed-through
1242221 PHOENIX-1242221 Datasheet
552Kb / 12P
SF-5EP1N8ACLB2X - Rear panel feed-through
1242222 PHOENIX-1242222 Datasheet
552Kb / 12P
SF-5EP1N8ACLB3X - Rear panel feed-through
1242223 PHOENIX-1242223 Datasheet
559Kb / 13P
SF-5EP1N8ACLB4X - Rear panel feed-through
1242225 PHOENIX-1242225 Datasheet
565Kb / 12P
SF-7EP1N8AC0A2X - Rear panel feed-through
More results


Similar Description - 1242228

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1605492 PHOENIX-1605492 Datasheet
86Kb / 5P
Pin/socket, panel feed-through - SF-5EE1N8AS000
1605567 PHOENIX-1605567 Datasheet
632Kb / 14P
SF-7EE1N8AS000 - Pin/socket, panel feed-through
1605845 PHOENIX-1605845 Datasheet
458Kb / 10P
SM-7EP1N8AQL05 - Rear panel feed-through
1605830 PHOENIX-1605830 Datasheet
469Kb / 10P
SM-7EP1N8AC002 - Rear panel feed-through
1607051 PHOENIX-1607051 Datasheet
729Kb / 18P
SF-7EP1N8AC0DU - Rear panel feed-through
1607056 PHOENIX-1607056 Datasheet
727Kb / 18P
SF-7EP1N8ACLDL - Rear panel feed-through
1605831 PHOENIX-1605831 Datasheet
469Kb / 10P
SM-7EP1N8AC003 - Rear panel feed-through
1618774 PHOENIX-1618774 Datasheet
583Kb / 12P
ST-5ES1N8ACK04S - Panel feed-through
1618836 PHOENIX-1618836 Datasheet
617Kb / 13P
ST-17S1N8ACK04S - Panel feed-through
1605517 PHOENIX-1605517 Datasheet
686Kb / 17P
SF-5EP1N8AC0DU - Rear panel feed-through
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com