Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N20SF Datasheet (PDF) - Infinite Electronics International, Inc.

N20SF Datasheet PDF - Infinite Electronics International, Inc.
Part # N20SF
Download  N20SF Download
File Size   98.11 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description AC PEM C14 2.0mm PANEL SNAP-IN 2.8mm SOLDER TERMINALS FUSEHOLDER

N20SF Datasheet (PDF)

Go To PDF Page Download Datasheet
N20SF Datasheet PDF - Infinite Electronics International, Inc.

Part # N20SF
Download  N20SF Click to download

File Size   98.11 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description AC PEM C14 2.0mm PANEL SNAP-IN 2.8mm SOLDER TERMINALS FUSEHOLDER

N20SF Datasheet (HTML) - Infinite Electronics International, Inc.


N20SF Product details

1. CONNECTOR TYPE: C14
2. RATING: 10A, 250VAC
3. FEATURES:
SNAPS INTO 2.0 mm PANEL
2.8 mm SOLDER TAB TERMINATIONS
SINGLE FUSEHOLDER
4. CERTIFICATIONS: UL
5. PACKAGING NOTE:
CONNECTOR SHALL BE INDIVIDUALLY
PACKAGED, LABEL PER ILS-100
6. ALL DIMENSIONS FOR REFERENCE ONLY




Similar Part No. - N20SF

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
N20SP001 YAGEO-N20SP001 Datasheet
922Kb / 17P
NTC Thermistor SP
Nov. 27, 2023 V.0
N20SP001L YAGEO-N20SP001L Datasheet
1Mb / 16P
NTC Inrush Current Limiter
February 19, 2021 V.0
N20SP001M YAGEO-N20SP001M Datasheet
1Mb / 16P
NTC Inrush Current Limiter
February 19, 2021 V.0
N20SP002 YAGEO-N20SP002 Datasheet
922Kb / 17P
NTC Thermistor SP
Nov. 27, 2023 V.0
N20SP002L YAGEO-N20SP002L Datasheet
1Mb / 16P
NTC Inrush Current Limiter
February 19, 2021 V.0
More results


Similar Description - N20SF

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
723-15-48 QUALTEK-723-15-48 Datasheet
307Kb / 1P
SNAP-IN INLET WITH FUSEHOLDER
723-15-63 QUALTEK-723-15-63 Datasheet
309Kb / 1P
SNAP-IN INLET WITH FUSEHOLDER
logo
Schurter Inc.
FQE SCHURTER-FQE Datasheet
248Kb / 1P
Shock-safe Fuseholder, Solder Terminals, 5x20 mm
logo
PowerDynamics, Inc
42R03-1X2X POWERDYNAMICS-42R03-1X2X Datasheet
40Kb / 1P
IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; SIDE FLANGE, PANEL MOUNT
42R03-3X5X-XXX POWERDYNAMICS-42R03-3X5X-XXX Datasheet
41Kb / 1P
IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; SNAP-IN
42R08-3X2X-XXX POWERDYNAMICS-42R08-3X2X-XXX Datasheet
40Kb / 1P
16/20A IEC 60320 APPL. INLET; SOLDER TERMINALS; SNAP-IN, PANEL MOUNT
43R04-3X1X-XXX POWERDYNAMICS-43R04-3X1X-XXX Datasheet
48Kb / 1P
10A/15A IEC 60320 APPL. OUTLET; SOLDER TERMINALS; SNAP-IN, PANEL MOUNT
logo
Qualtek Electronics Cor...
7231563 QUALTEK-7231563 Datasheet
311Kb / 1P
SNAP-IN INLET WITH FUSEHOLDER
logo
Schurter Inc.
6130 SCHURTER-6130 Datasheet
281Kb / 3P
IEC Appliance Inlet C14, Snap-in Mounting, Front Side, PCB terminals
FQE SCHURTER-FQE_V01 Datasheet
220Kb / 2P
Shock-safe Fuseholder, Solder Terminals, 5x20 mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com