Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST-10-R-B90-G630 Datasheet (PDF) - Luminus, Inc

SST-10-R-B90-G630 Datasheet PDF - Luminus, Inc
Part # SST-10-R-B90-G630
Download  SST-10-R-B90-G630 Download
File Size   1798.2 Kbytes
Page   16 Pages
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc
Description Red LED

SST-10-R-B90-G630 Datasheet (PDF)

Go To PDF Page Download Datasheet
SST-10-R-B90-G630 Datasheet PDF - Luminus, Inc

Part # SST-10-R-B90-G630
Download  SST-10-R-B90-G630 Click to download

File Size   1798.2 Kbytes
Page   16 Pages
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc
Description Red LED

SST-10-R-B90-G630 Datasheet (HTML) - Luminus, Inc


SST-10-R-B90-G630 Product details

• High Power Red LED with Peak Wavelength of 630 nm
• Wall-Plug Efficiency: typ. 49% @350 mA
• 80° or 120° viewing angle at 50% Iv
• Low Thermal Resistance
• Built-in ESD Protection
• RoHS and REACH compliant




Similar Part No. - SST-10-R-B90-G630

ManufacturerPart #DatasheetDescription
logo
Luminus, Inc
SST-10-R-B90 LUMINUS-SST-10-R-B90 Datasheet
2Mb / 12P
Red LED High Power Red LED with Peak Wavelength of 630nm
More results


Similar Description - SST-10-R-B90-G630

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPR800AS NICHIA-NSPR800AS Datasheet
272Kb / 15P
RED LED
logo
Marl International Limi...
NSPR510CS MARL-NSPR510CS Datasheet
200Kb / 15P
RED LED
logo
Roithner LaserTechnik G...
SMC680 ROITHNER-SMC680 Datasheet
575Kb / 3P
red led
logo
NICHIA CORPORATION
NCSR119BT-V1 NICHIA-NCSR119BT-V1 Datasheet
271Kb / 18P
RED LED
NCSRE17AT NICHIA-NCSRE17AT Datasheet
305Kb / 19P
RED LED
NE2R757GT-P6 NICHIA-NE2R757GT-P6 Datasheet
297Kb / 19P
RED LED
NCSR219BT-V1 NICHIA-NCSR219BT-V1 Datasheet
272Kb / 18P
RED LED
NSPR346MS NICHIA-NSPR346MS Datasheet
428Kb / 17P
RED LED
logo
KODENSHI_AUK CORP.
KP3528R63A1I-UM KODENSHI-KP3528R63A1I-UM Datasheet
124Kb / 5P
Red LED
KP3528R64A1I-PF KODENSHI-KP3528R64A1I-PF Datasheet
123Kb / 5P
Red LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com