Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1104 Datasheet (PDF) - Infinite Electronics International, Inc.

1104 Datasheet PDF - Infinite Electronics International, Inc.
Part # 1104
Download  1104 Download
File Size   100.05 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description MMCX RIGHT ANGLE PLUG CRIMP

1104 Datasheet (PDF)

Go To PDF Page Download Datasheet
1104 Datasheet PDF - Infinite Electronics International, Inc.

Part # 1104
Download  1104 Click to download

File Size   100.05 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description MMCX RIGHT ANGLE PLUG CRIMP

1104 Datasheet (HTML) - Infinite Electronics International, Inc.


1104 Product details

ELECTRICAL:
IMPEDANCE: 50 OHMS.
WITHSTAND VOLTAGE: 500V
FREQUENCY RANGE: 0 - 6 GHz.
VSWR: ≤ 1.50 @ 0-6 GHz.
DURABILITY: ≥ 500 CYCLE
CABLE RETENTION: > 10 POUNDS
MISCELLANEOUS:
APPLICATION: LOW-LOSS 100 SERIES, RG174, RG316, RG188, & RG179.
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
WITH L-COM SPECIFICATION PS-0031.
ALL DIMENSIONS ARE FOR REFERENCE ONLY




Similar Part No. - 1104

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1104 ETC-1104 Datasheet
174Kb / 1P
CAROL STREAM, ILLINOIS 60188
7/11/18
1104 ETC-1104 Datasheet
137Kb / 1P
Heyco짰 Original Strain Relief Bushings
logo
Heyco.
1104 HEYCO-1104 Datasheet
136Kb / 1P
Original Strain Relief Bushings
logo
List of Unclassifed Man...
1104 ETC-1104 Datasheet
3Mb / 32P
TORQUE PRODUCTS
logo
Sealevel Systems, Inc.
1104 SEALEVEL-1104 Datasheet
713Kb / 2P
RS-232 to RS-422, RS-485 DIN Rail Mount Serial Interface Converter
More results


Similar Description - 1104

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73064 POMONA-73064 Datasheet
122Kb / 1P
MMCX Plug to Right-Angle MMCX Plug, RG316/U
logo
Pasternack Enterprises,...
PE34895 PASTERNACK-PE34895 Datasheet
272Kb / 1P
CABLE ASSEMBLY RG316/U MMCX PLUG TO MMCX PLUG RIGHT ANGLE
PE34883 PASTERNACK-PE34883 Datasheet
272Kb / 1P
CABLE ASSEMBLY RG178B/U MMCX PLUG TO MMCX PLUG RIGHT ANGLE
PE44784 PASTERNACK-PE44784 Datasheet
300Kb / 3P
MMCX Plug Right Angle Connector Crimp - Solder Attachment For RG316-DS
logo
Molex Electronics Ltd.
0897616790 MOLEX11-0897616790 Datasheet
31Kb / 1P
MMCX Right-Angle Plug-to-MMCX Right-Angle Plug Assembly, RG-316 Cable
0897616791 MOLEX11-0897616791 Datasheet
31Kb / 1P
MMCX Right-Angle Plug-to-MMCX Right-Angle Plug Assembly, RG-316 Cable
0897616792 MOLEX11-0897616792 Datasheet
31Kb / 1P
MMCX Right-Angle Plug-to-MMCX Right-Angle Plug Assembly, RG-316 Cable
0734152141 MOLEX11-0734152141 Datasheet
29Kb / 1P
50 Ohms, MMCX Right-Angle Plug, Crimp, RD-316 Cable, Bulk
logo
Pasternack Enterprises,...
PE35444LF PASTERNACK-PE35444LF Datasheet
222Kb / 1P
CABLE ASSEMBLY, RG178B/U, MMCX PLUG RIGHT ANGLE TO MMCX PLUG RIGHT ANGLE
PE35463 PASTERNACK-PE35463 Datasheet
97Kb / 1P
CABLE ASSEMBLY, RG400/U, MMCX PLUG RIGHT ANGLE TO MMCX PLUG RIGHT ANGLE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com