Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1106 Datasheet (PDF) - Infinite Electronics International, Inc.

1106 Datasheet PDF - Infinite Electronics International, Inc.
Part # 1106
Download  1106 Download
File Size   85.08 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Specifications

1106 Datasheet (PDF)

Go To PDF Page Download Datasheet
1106 Datasheet PDF - Infinite Electronics International, Inc.

Part # 1106
Download  1106 Click to download

File Size   85.08 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Specifications

1106 Datasheet (HTML) - Infinite Electronics International, Inc.


1106 Product details

Electrical
Impedance 50 Ohms
Frequency Range DC ~ 6 GHz
Voltage Rating 335 Volts Peak
Dielectic Withstanding Voltage 1000 Volts RMS
Insertion Loss .20 dB Max.
Mechanical
Mating Snap-On Coupling
Mating Torque 4.5 pounds (20N) Max. Engagement 2.3 pounds (10N) Min. Disengagement
Cable Attachment Hex Braid Crimp
Center Conductor Cable Attachment Solder
Cable Retention 3 lbs. Pull
Material
Body Nickel Plated Brass
Contact Gold Plated Brass
Insulator TFE
Ferrule Nickel Plated Brass
Environmental
Temperature Range -55C(-67F) to +85C(+185F)
Temperature Cycling MIL-Std. 202 Method 102 (Test Condition C)
Corrosion MIL-Std. 202 Method 101 (Test Condition B)
Vibration MIL-Std. 202 Method 204 (Test Condition B)
RoHS Compliant Yes




Similar Part No. - 1106

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1106 ETC-1106 Datasheet
3Mb / 32P
TORQUE PRODUCTS
1106 ETC-1106 Datasheet
3Mb / 32P
TORQUE PRODUCTS
logo
Ashcroft, Inc.
1106 ASHCROFT-1106 Datasheet
1Mb / 3P
1106 Pulsation Dampener & 1112 Pressure Snubber
RevD_07-17-24
logo
Bondhus Corporation.
1106 BONDHUS-1106 Datasheet
352Kb / 2P
HandyHex™ Adjustable Handle
logo
Antex (Electronics) Lim...
1106 ANTEX-1106 Datasheet
194Kb / 1P
POWER SUPPLY UNITS BENCH STAND SOLDERING BITS
More results


Similar Description - 1106

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
SM06103370 AMETHERM-SM06103370 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM06154450 AMETHERM-SM06154450 Datasheet
97Kb / 2P
Electrical Specifications: Mechanical Specifications:
SM06223395-HT AMETHERM-SM06223395-HT Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM06503395 AMETHERM-SM06503395 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM06503410 AMETHERM-SM06503410 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM06623410 AMETHERM-SM06623410 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM08103350 AMETHERM-SM08103350 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM08103370 AMETHERM-SM08103370 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM08103395 AMETHERM-SM08103395 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM08154410 AMETHERM-SM08154410 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com