Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1508 Datasheet (PDF) - Infinite Electronics International, Inc.

1508 Datasheet PDF - Infinite Electronics International, Inc.
Part # 1508
Download  1508 Download
File Size   49.63 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description N Male Straight Crimp For LMR240

1508 Datasheet (PDF)

Go To PDF Page Download Datasheet
1508 Datasheet PDF - Infinite Electronics International, Inc.

Part # 1508
Download  1508 Click to download

File Size   49.63 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description N Male Straight Crimp For LMR240

1508 Datasheet (HTML) - Infinite Electronics International, Inc.


1508 Product details

ELECTRICAL:
IMPEDENCE: 50 OHMS
WITHSTAND VOLTAGE: 2500V
FREQUENCY RANGE: 0~6 GHz
VSWR:<1.50 @ 0~6 GHz
DURABILITY: > 500 CYCLE
CABLE RETENTION: > 40 POUNDS

MISCELLANEOUS:
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATIONS PS-0031.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.

REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)




Similar Part No. - 1508

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1508 POMONA-1508 Datasheet
27Kb / 1P
Test Lead Holder
logo
Marathon Special Produc...
1508 MARATHON-1508 Datasheet
230Kb / 3P
Replace XX with 02, 04, 06, 08 or 12 for number of poles
REV-B 11/06/2019
logo
Pomona Electronics
1508 POMONA-1508 Datasheet
216Kb / 1P
Patch Cords and Test Leads
logo
Multicomp Pro
1508 MULTICOMP-1508 Datasheet
253Kb / 1P
RF / Coaxial Adapter Mini UHF Plug-N Jack
05/02/21 V1.0
logo
Molex Electronics Ltd.
1508-0009 MOLEX1-1508-0009 Datasheet
138Kb / 4P
Flat Blade Crimp Terminal, Series 1508, Female, With Tin (Sn) Plated Brass Contact, 14-18 AWG (or 18 AWG Double Crimp), Reel Packaged
More results


Similar Description - 1508

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4436 PASTERNACK-PE4436 Datasheet
107Kb / 1P
N MALE CRIMP ATTACHMENT FOR RG58
logo
Adam Technologies, Inc.
RF5-01-T-06-50 ADAM-TECH-RF5-01-T-06-50 Datasheet
67Kb / 1P
N MALE CRIMP FOR
RF5-11-T-25-50 ADAM-TECH-RF5-11-T-25-50 Datasheet
88Kb / 1P
N MALE RIGHT ANGLE CRIMP
logo
List of Unclassifed Man...
CONN007 ETC2-CONN007 Datasheet
166Kb / 1P
N MALE CABLE END CRIMP FOR RG174 CABLE
CONN007-R58 ETC2-CONN007-R58 Datasheet
156Kb / 1P
N MALE CABLE END CRIMP FOR RG58 CABLE
logo
Pasternack Enterprises,...
PE44520 PASTERNACK-PE44520 Datasheet
361Kb / 3P
N Male Connector Crimp-Crimp Attachment for PE-C195, .195 inch
PE4042 PASTERNACK-PE4042_16 Datasheet
354Kb / 3P
N Male Connector Crimp/Crimp Attachment
PE44473 PASTERNACK-PE44473 Datasheet
82Kb / 1P
REVERSE POLARITY N MALE CRIMP ATTACHMENT FOR RG58
logo
Linx Technologies
CONN007-R58 LINX-CONN007-R58 Datasheet
249Kb / 1P
N MALE CABLE END CRIMP FOR RG58 CABLE
12-JUL-12
CONN007 LINX-CONN007 Datasheet
259Kb / 1P
N MALE CABLE END CRIMP FOR RG174 CABLE
12-JUL-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com