Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1J00 Datasheet (PDF) - Infinite Electronics International, Inc.

1J00 Datasheet PDF - Infinite Electronics International, Inc.
Part # 1J00
Download  1J00 Download
File Size   48.46 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description CONN,N-MALE R/ANGLE CRIMP RG223

1J00 Datasheet (PDF)

Go To PDF Page Download Datasheet
1J00 Datasheet PDF - Infinite Electronics International, Inc.

Part # 1J00
Download  1J00 Click to download

File Size   48.46 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description CONN,N-MALE R/ANGLE CRIMP RG223

1J00 Datasheet (HTML) - Infinite Electronics International, Inc.


1J00 Product details

ELECTRICAL:
APPLICATION: RG223, RG55, RG142, RG400.
IMPEDANCE: 50 OHMS.
FREQUENCY RANGE: 0~11 GHz
VOLTAGE RATING: ≥1000V rms (DEPENDING ON CABLE)
INSULATOR RESISTANCE: ≥5 GΩ
DIELECTRIC WITHSTANDING VOLTAGE: 2500 V rms
CONTACT RESISTANCE: CENTER CONTACT ≤ 1mΩ
OUTER CONTACT ≤ 1mΩ
VSWR: ≤1.35
MECHANICAL:
MATING: 5/8-24 UNEF
RECOMMENDED MATING TORQUE: 6.0 - 10.0 lbs.
COUPLING NUT RETENTION FORCE: ≥ 101.3 lbs
ENVIRONMENTAL:
CORROSION (SALT SPRAY) MIL-STD-202 METHOD 101, COND. B
THERMAL SHOCK: MIL-STD-202, METHOD 107, COND. B
MECHANICAL: MIL-STD-202, METHOD 213, COND. 1
VIBRATION: MIL-STD-202, METHOD 204, COND. B
MISCELLANEOUS:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPEC. PS-0031.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)




Similar Part No. - 1J00

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
1J0208 ATMEL-1J0208 Datasheet
93Kb / 11P
125째C DYNAMIC OPERATING LIFE TEST
logo
Anaren Microwave
1J0280-3 ANAREN-1J0280-3 Datasheet
192Kb / 1P
Hybrid Couplers
1J0560-3 ANAREN-1J0560-3 Datasheet
133Kb / 3P
Hybrid Couplers
1J0770-3 ANAREN-1J0770-3 Datasheet
431Kb / 3P
Hybrid Couplers
More results


Similar Description - 1J00

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3168 PASTERNACK-PE3168 Datasheet
107Kb / 1P
CABLE ASSEMBLY RG223/U , N MALE TO N MALE RIGHT ANGLE
PE4484 PASTERNACK-PE4484 Datasheet
262Kb / 2P
N Male Right Angle Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE44526 PASTERNACK-PE44526 Datasheet
285Kb / 3P
N Male Right Angle Connector Crimp/Solder N Male Right Angle Connector Crimp/Solder
PE44515 PASTERNACK-PE44515 Datasheet
147Kb / 1P
QMA MALE RIGHT ANGLE SOLDER CRIMP ATTACHMENT FOR RG55 RG142 RG223 & RG400
logo
Adam Technologies, Inc.
RF5-11-T-25-50 ADAM-TECH-RF5-11-T-25-50 Datasheet
88Kb / 1P
N MALE RIGHT ANGLE CRIMP
RF5-12-T-02-50 ADAM-TECH-RF5-12-T-02-50 Datasheet
70Kb / 1P
N MALE RIGHT ANGLE CRIMP
RF12-16-T-02-50 ADAM-TECH-RF12-16-T-02-50 Datasheet
66Kb / 1P
MMCX MALE R/A CRIMP
logo
Pasternack Enterprises,...
PE44788 PASTERNACK-PE44788 Datasheet
224Kb / 3P
N Male Connector Crimp-Solder Attachment For RG223, RG142, RG400, RG55
logo
Rosenberger Hochfrequen...
SLJ14SP-53R53R-X-00 ROSENBERGER-SLJ14SP-53R53R-X-00 Datasheet
540Kb / 2P
N R/A MALE / N R/A MALE
logo
Pasternack Enterprises,...
PE38492 PASTERNACK-PE38492 Datasheet
219Kb / 1P
CABLE ASSEMBLY, RG223/U, QN MALE RIGHT ANGLE TO N MALE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com