Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3700 Datasheet (PDF) - Infinite Electronics International, Inc.

3700 Datasheet PDF - Infinite Electronics International, Inc.
Part # 3700
Download  3700 Download
File Size   50.19 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description TYPE N BULKHEAD JACK, REAR MOUNT

3700 Datasheet (PDF)

Go To PDF Page Download Datasheet
3700 Datasheet PDF - Infinite Electronics International, Inc.

Part # 3700
Download  3700 Click to download

File Size   50.19 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description TYPE N BULKHEAD JACK, REAR MOUNT

3700 Datasheet (HTML) - Infinite Electronics International, Inc.


3700 Product details

ELECTRICAL:
IMPEDANCE: 50 OHMS
VOLTAGE RATING: 1500 VOLTS PEAK
FREQUENCY RANGE: DC ~ 3 GHz
DIELECTRIC WITHSTANDING VOLTAGE: 2500 VOLTS RMS
DURABILITY: > 500 CYCLE
CABLE RETENTION: > 40 POUNDS PULL

MISCELLANEOUS:
APPLICATION: LMR195, RG58 CABLE.
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.

ALL DIMENSIONS ARE FOR REFERENCE ONLY.

REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)





Similar Part No. - 3700

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3700 BOURNS-3700 Datasheet
189Kb / 1P
Precision Potentiometer
logo
Advanced Power Electron...
3700 A-POWER-3700 Datasheet
142Kb / 10P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
3700 A-POWER-3700 Datasheet
141Kb / 8P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
3700 A-POWER-3700 Datasheet
91Kb / 8P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Adafruit Industries
3700 ADAFRUIT-3700 Datasheet
489Kb / 2P
Maker‐Friendly Zipper Case ‐ Red
1-26-18
More results


Similar Description - 3700

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73045 POMONA-73045 Datasheet
116Kb / 1P
N Type Jack to Jack Bulkhead Adapter, Pressurized
logo
Vitesse Semiconductor C...
SD601-526-0850Y VITESSE-SD601-526-0850Y Datasheet
87Kb / 1P
TYPE N BULKHEAD JACK
SD601-526-1410Y VITESSE-SD601-526-1410Y Datasheet
73Kb / 1P
TYPE N BULKHEAD JACK
logo
Winchester Electronics ...
SD601-526-1410Y WINCHESTER-SD601-526-1410Y Datasheet
73Kb / 1P
TYPE N BULKHEAD JACK
logo
Molex Electronics Ltd.
73216-2170 MOLEX11-73216-2170 Datasheet
36Kb / 1P
50 Ohms, TNC Jack Isolated Ground Bulkhead, IP68, Rear Mount
73216-2240 MOLEX11-73216-2240 Datasheet
38Kb / 1P
50 Ohms, TNC Jack, Right-Angle Bulkhead, IP68 Rear Mount
73216-2380 MOLEX11-73216-2380 Datasheet
40Kb / 1P
50 Ohms, TNC Jack Bulkhead, Rear Mount IP68, RG-178
0732162240 MOLEX11-0732162240 Datasheet
78Kb / 1P
50 Ohms, TNC Jack, Right-Angle Bulkhead, IP68 Rear Mount
0732162380 MOLEX11-0732162380 Datasheet
36Kb / 1P
50 Ohms, TNC Jack Bulkhead, Rear Mount IP68, RG-178
logo
Rosenberger Hochfrequen...
53K505-200N5 ROSENBERGER-53K505-200N5 Datasheet
43Kb / 2P
BULKHEAD JACK REAR MOUNT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com