Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC14C13-10-3F Datasheet (PDF) - Infinite Electronics International, Inc.

AMC14C13-10-3F Datasheet PDF - Infinite Electronics International, Inc.
Part # AMC14C13-10-3F
Download  AMC14C13-10-3F Download
File Size   80.9 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description C14 to C13, Antimicrobe Jkt, 10 A

AMC14C13-10-3F Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC14C13-10-3F Datasheet PDF - Infinite Electronics International, Inc.

Part # AMC14C13-10-3F
Download  AMC14C13-10-3F Click to download

File Size   80.9 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description C14 to C13, Antimicrobe Jkt, 10 A

AMC14C13-10-3F Datasheet (HTML) - Infinite Electronics International, Inc.


AMC14C13-10-3F Product details

UL FILE: E234956
RATING: 10A/250V
1. CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY.
2. CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
EU RoHS DIRECTIVE (MOST RECENT RELEASED VERSION)




Similar Part No. - AMC14C13-10-3F

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AMC14C13-10-3F L-COM-AMC14C13-10-3F Datasheet
80Kb / 1P
C14 to C13, Antimicrobe Jkt, 10 A
04/18/202
AMC14C13-10-3F L-COM-AMC14C13-10-3F Datasheet
131Kb / 1P
C14 TO C13, ANTIMICROBE JKT, 10 A
1/3/2024
AMC14C13-10-3F L-COM-AMC14C13-10-3F Datasheet
80Kb / 1P
C14 to C13, Antimicrobe Jkt, 10 A
04/18/2023
More results


Similar Description - AMC14C13-10-3F

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P004-002-AWH TRIPPLITE-P004-002-AWH Datasheet
166Kb / 3P
C14 Male to C13 Female Power Cable, C13 to C14 PDU Style - 10A, 250V, 18 AWG, 2 ft., White
P004-003-AGN TRIPPLITE-P004-003-AGN Datasheet
175Kb / 3P
C14 Male to C13 Female Power Cable, C13 to C14 PDU Style - 10A, 250V, 18 AWG, 3 ft., Green
P004-003-AWH TRIPPLITE-P004-003-AWH Datasheet
167Kb / 3P
C14 Male to C13 Female Power Cable, C13 to C14 PDU Style - 10A, 250V, 18 AWG, 3 ft., White
P004-006-AGN TRIPPLITE-P004-006-AGN Datasheet
175Kb / 3P
C14 Male to C13 Female Power Cable, C13 to C14 PDU Style - 10A, 250V, 18 AWG, 6 ft., Green
P004-L01 TRIPPLITE-P004-L01 Datasheet
165Kb / 3P
C14 Male to C13 Female Power Cable, C13 to C14 PDU-Style, Locking C13 Connector, 10A, 18 AWG, 1 ft.
P004-L02 TRIPPLITE-P004-L02 Datasheet
165Kb / 3P
C14 Male to C13 Female Power Cable, C13 to C14 PDU-Style, Locking C13 Connector, 10A, 18 AWG, 2 ft.
P004-L03 TRIPPLITE-P004-L03 Datasheet
165Kb / 3P
C14 Male to C13 Female Power Cable, C13 to C14 PDU-Style, Locking C13 Connector, 10A, 18 AWG, 3 ft.
P004-L04 TRIPPLITE-P004-L04 Datasheet
165Kb / 3P
C14 Male to C13 Female Power Cable, C13 to C14 PDU-Style, Locking C13 Connector, 10A, 18 AWG, 4 ft.
P004-L06 TRIPPLITE-P004-L06 Datasheet
165Kb / 3P
C14 Male to C13 Female Power Cable, C13 to C14 PDU-Style, Locking C13 Connector, 10A, 18 AWG, 6 ft.
P004-L10 TRIPPLITE-P004-L10 Datasheet
165Kb / 3P
C14 Male to C13 Female Power Cable, C13 to C14 PDU-Style, Locking C13 Connector, 10A, 18 AWG, 10 ft.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com