Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7216 Datasheet (PDF) - NXP Semiconductors

SAA7216 Datasheet PDF - NXP Semiconductors
Part # SAA7216
Download  SAA7216 Download
File Size   101.26 Kbytes
Page   28 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Integrated MPEG AVGD decoders

SAA7216 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAA7216 Datasheet PDF - NXP Semiconductors

Part # SAA7216
Download  SAA7216 Click to download

File Size   101.26 Kbytes
Page   28 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Integrated MPEG AVGD decoders

SAA7216 Datasheet (HTML) - NXP Semiconductors


SAA7216 Product details

GENERAL DESCRIPTION

The SAA7215HS, SAA7216HS, SAA7221H is a MPEG-2 source decoder which combines audio decoding and video decoding. Additionally to these basic MPEG functions it also provides means for enhanced graphics, background display and/or on-screen display as well as encoding of output video. Due to an optimized architecture for audio and video decoding, maximum capacity in external memory and processing power from the external CPU is available for graphics support.



FEATURES

General features

? Integrated MPEG AVGD decoder: audio, video and graphics decoding and digital video encoding

? 5 planes display chain: background colour, background plane, MPEG display plane, graphics plane and cursor plane

? 16-Mbit or 32-Mbit external Synchronous DRAM (SDRAM) for MPEG audio and video decoding and graphics data storage

? Single or double external SDRAM organized as 1 M × 16 or 2 × 1 M × 16 (two independent 16-bit data bus) interfacing at 81 MHz. Due to efficient memory use in MPEG decoding, more than 1 Mbit is available for

graphics in the single SDRAM configuration where as 17 Mbits are available in the double SDRAM configuration.

? All basic operations of the AVGD decoder are possible in both 16- and 32-Mbit configuration; enhanced

performance is achieved by the use of 32-Mbit external SDRAM

? Targeted to BSkyB 3.0 and Canal+ basic box and web box specifications

? Fast 16-bit data + 22-bit address synchronous or asynchronous interface with external controller at up to

40.5 MHz

? Dedicated input for compressed audio and video in Packetized Elementary Stream (PES) or Elementary

Stream (ES) in byte wide or bit serial format. Accompanying strobe signals distinguish between audio

and video data. Transport stream error correction available.

? Audio and/or video can also be input via the CPU interface in PES or ES in 8 or 16-bit parallel format

? Single 27 or 40.5 MHz external clock for time base reference and internal processing. Internal system time

base at 90 kHz can be synchronized via CPU port. All required decoding and presentation clocks are generated internally.

? Flexible memory allocation under control of the external CPU enables optimized partitioning of memory for

different tasks

? Optimum compatibility with T-MIPS controller family (SAA7214, SAA7219 and successors)

? Boundary scan testing implemented

? External SDRAM self test

? Supply voltage: 3.3 V; package: SQFP208.




Similar Part No. - SAA7216

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7216HS/C1 PHILIPS-SAA7216HS/C1 Datasheet
80Kb / 20P
STB5860 Set-Top Box STB concept
1999 Aug 25
More results


Similar Description - SAA7216

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS138 NSC-54LS138 Datasheet
165Kb / 8P
Decoders/Demultiplexers
54LS42 NSC-54LS42 Datasheet
128Kb / 6P
Decimal Decoders
logo
NXP Semiconductors
SAA7212 PHILIPS-SAA7212 Datasheet
93Kb / 20P
Integrated MPEG AVG decoder
1998 Sep 07
logo
STMicroelectronics
STI3520ACV STMICROELECTRONICS-STI3520ACV Datasheet
1Mb / 15P
MPEG AUDIO / MPEG 2 VIDEO INTEGRATED DECODER
logo
List of Unclassifed Man...
BT829B ETC1-BT829B Datasheet
1Mb / 127P
VideoStreamII Decoders
logo
fujitsu semiconductor
MB86H21 FUJITSU-MB86H21 Datasheet
191Kb / 3P
MPEG-2 Decoder with Integrated NDS ICAM
logo
Holt Integrated Circuit...
HI-1575 HOLTIC-HI-1575 Datasheet
117Kb / 12P
3.3V Dual Transceivers with Integrated Encoder / Decoders
logo
List of Unclassifed Man...
VS1011E ETC2-VS1011E Datasheet
467Kb / 49P
MPEG AUDIO CODEC
logo
Cypress Semiconductor
CY2410 CYPRESS-CY2410 Datasheet
432Kb / 13P
MPEG Clock Generator with VCXO Integrated phase-locked loop (PLL)
logo
Holt Integrated Circuit...
HI-1575 HOLTIC-HI-1575_11 Datasheet
107Kb / 13P
MIL-STD-1553 3.3V Dual Transceivers with Integrated Encoder / Decoders
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com