Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOCQP40001CS Datasheet (PDF) - Infinite Electronics International, Inc.

AOCQP40001CS Datasheet PDF - Infinite Electronics International, Inc.
Part # AOCQP40001CS
Download  AOCQP40001CS Download
File Size   840.37 Kbytes
Page   10 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Active Optical Cable QSFP 40Gbps, 1m, Cisco® Compatible

AOCQP40001CS Datasheet (PDF)

Go To PDF Page Download Datasheet
AOCQP40001CS Datasheet PDF - Infinite Electronics International, Inc.

Part # AOCQP40001CS
Download  AOCQP40001CS Click to download

File Size   840.37 Kbytes
Page   10 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Active Optical Cable QSFP 40Gbps, 1m, Cisco® Compatible

AOCQP40001CS Datasheet (HTML) - Infinite Electronics International, Inc.


AOCQP40001CS Product details

Active Optical Cables Technical Data Sheet
AOCQP40-001-CS REV 1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and
certifications: Active Optical Cable QSFP+ 40Gbps, 1m, Cisco® Compatible AOCQP40-001-CS
AOCQP40-001-CS
Features
• Full-Duplex 4 channel parallel active optical cable, supporting 42 Gbps links
• Up to 10.5 Gbps Data rate per channel
• Maximum link length of 100m available
• High Reliability 850nm VCSEL technology
• Electrically hot-puggable
• Electrical interface compliant to SFF-8431
• Case operating temperature range: 0°C to 70°C
• Power dissipation < 1.5W per cable end
Applications
• 40G Ethernet Data Center Intra-Rack and Inter-Rack
links
• InfiniBand QDR
• 10G Fibre Channel
• HPC Interconnections
.
Description
The AOCQP40-001-CS is an active optical cable designed for use in 40Gigabit Ethernet links. They are electrically compliant
and mechanically compliant with the QSFP+ MSA. The AOCQP40-001-CS allows for greater link length than direct attach
cables, with a lower total power consumption than transceiver solutions.




Similar Part No. - AOCQP40001CS

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AOCQP40001 L-COM-AOCQP40001 Datasheet
840Kb / 10P
Active Optical Cable QSFP 40Gbps, 1m, MSA Compatible
AOCQP40001AR L-COM-AOCQP40001AR Datasheet
840Kb / 10P
Active Optical Cable QSFP 40Gbps, 1m, Arista® Compatible
AOCQP40001JN L-COM-AOCQP40001JN Datasheet
840Kb / 10P
Active Optical Cable QSFP 40Gbps, 1m, Juniper® Compatible
More results


Similar Description - AOCQP40001CS

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
40G-QSFP-QSFP-AOC-1M-C ATGBICS-40G-QSFP-QSFP-AOC-1M-C Datasheet
245Kb / 9P
40G-QSFP-QSFP-AOC-1M Brocade Compatible Active Optical Cable 40G QSFP (1m)
QSFP-100G-AOC1M-C ATGBICS-QSFP-100G-AOC1M-C Datasheet
636Kb / 10P
QSFP-100G-AOC1M Cisco Compatible Active Optical Cable 100G QSFP28 (1m)
QSFP-4X10G-AOC1M-C ATGBICS-QSFP-4X10G-AOC1M-C Datasheet
603Kb / 18P
QSFP-4X10G-AOC1M Cisco Compatible Active Optical Breakout Cable 40G QSFP to 4x10G SFP (1m)
QSFP-H40G-AOC10M-C ATGBICS-QSFP-H40G-AOC10M-C Datasheet
245Kb / 9P
QSFP-H40G-AOC10M Cisco Compatible Active Optical Cable 40G QSFP (10m)
QSFP-H40G-AOC1M-C ATGBICS-QSFP-H40G-AOC1M-C Datasheet
245Kb / 9P
QSFP-H40G-AOC1M Cisco Compatible Active Optical Cable 40G QSFP (1m)
QSFP-H40G-AOC20M-C ATGBICS-QSFP-H40G-AOC20M-C Datasheet
245Kb / 9P
QSFP-H40G-AOC20M Cisco Compatible Active Optical Cable 40G QSFP (20m)
QSFP-H40G-AOC2M-C ATGBICS-QSFP-H40G-AOC2M-C Datasheet
245Kb / 9P
QSFP-H40G-AOC2M Cisco Compatible Active Optical Cable 40G QSFP (2m)
QSFP-H40G-AOC3M-C ATGBICS-QSFP-H40G-AOC3M-C Datasheet
245Kb / 9P
QSFP-H40G-AOC3M Cisco Compatible Active Optical Cable 40G QSFP (3m)
QSFP-H40G-AOC5M-C ATGBICS-QSFP-H40G-AOC5M-C Datasheet
245Kb / 9P
QSFP-H40G-AOC5M Cisco Compatible Active Optical Cable 40G QSFP (5m)
QSFP-H40G-AOC7M-C ATGBICS-QSFP-H40G-AOC7M-C Datasheet
245Kb / 9P
QSFP-H40G-AOC7M Cisco Compatible Active Optical Cable 40G QSFP (7m)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com