Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1607917 Datasheet (PDF) - PHOENIX CONTACT

1607917 Datasheet PDF - PHOENIX CONTACT
Part # 1607917
Download  1607917 Download
File Size   258.12 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SL-1CKS020 - Crimp contact

1607917 Datasheet (PDF)

Go To PDF Page Download Datasheet
1607917 Datasheet PDF - PHOENIX CONTACT

Part # 1607917
Download  1607917 Click to download

File Size   258.12 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SL-1CKS020 - Crimp contact

1607917 Datasheet (HTML) - PHOENIX CONTACT


1607917 Product details

Crimp contact, Socket, turned, contact diameter: 10 mm, crimp range: 16 mm2 ... 16 mm2,
Alternative product in accordance with RoHS II without Exemption 6c (Pb < 0.1 %) item no.:
1362832

Your advantages
• Crimping connection: vibration- and temperature-resistant assembly
• High tensile strength of the connection
• Low contact resistance
• Easy production monitoring




Similar Part No. - 1607917

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1607911 PHOENIX-1607911 Datasheet
50Kb / 3P
Crimp contact - SL-1CKP010
1607912 PHOENIX-1607912 Datasheet
50Kb / 3P
Crimp contact - SL-1CKP020
1607913 PHOENIX-1607913 Datasheet
50Kb / 3P
Crimp contact - SL-1CKP030
1607914 PHOENIX-1607914 Datasheet
50Kb / 3P
Crimp contact - SL-1CKP040
1607915 PHOENIX-1607915 Datasheet
50Kb / 3P
Crimp contact - SL-1CKP050
More results


Similar Description - 1607917

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1607911 PHOENIX-1607911 Datasheet
50Kb / 3P
Crimp contact - SL-1CKP010
1607912 PHOENIX-1607912 Datasheet
50Kb / 3P
Crimp contact - SL-1CKP020
1607913 PHOENIX-1607913 Datasheet
50Kb / 3P
Crimp contact - SL-1CKP030
1607916 PHOENIX-1607916 Datasheet
51Kb / 3P
Crimp contact - SL-1CKS010
1607918 PHOENIX-1607918 Datasheet
51Kb / 3P
Crimp contact - SL-1CKS030
1607919 PHOENIX-1607919 Datasheet
51Kb / 3P
Crimp contact - SL-1CKS040
1607920 PHOENIX-1607920 Datasheet
51Kb / 3P
Crimp contact - SL-1CKS050
1607909 PHOENIX-1607909 Datasheet
48Kb / 2P
Crimp contact - SL-16KP010
1607914 PHOENIX-1607914 Datasheet
50Kb / 3P
Crimp contact - SL-1CKP040
1607915 PHOENIX-1607915 Datasheet
50Kb / 3P
Crimp contact - SL-1CKP050
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com