Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOCQP40003 Datasheet (PDF) - Infinite Electronics International, Inc.

AOCQP40003 Datasheet PDF - Infinite Electronics International, Inc.
Part # AOCQP40003
Download  AOCQP40003 Download
File Size   839.3 Kbytes
Page   10 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Active Optical Cable QSFP 40Gbps, 3m, MSA Compatible

AOCQP40003 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOCQP40003 Datasheet PDF - Infinite Electronics International, Inc.

Part # AOCQP40003
Download  AOCQP40003 Click to download

File Size   839.3 Kbytes
Page   10 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Active Optical Cable QSFP 40Gbps, 3m, MSA Compatible

AOCQP40003 Datasheet (HTML) - Infinite Electronics International, Inc.


AOCQP40003 Product details

Active Optical Cables Technical Data Sheet
AOCQP40-003 REV 1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and
certifications: Active Optical Cable QSFP+ 40Gbps, 3m, MSA Compatible AOCQP40-003
AOCQP40-003
Features
• Full-Duplex 4 channel parallel active optical cable, supporting 42 Gbps links
• Up to 10.5 Gbps Data rate per channel
• Maximum link length of 100m available
• High Reliability 850nm VCSEL technology
• Electrically hot-puggable
• Electrical interface compliant to SFF-8431
• Case operating temperature range: 0°C to 70°C
• Power dissipation < 1.5W per cable end
Applications
• 40G Ethernet Data Center Intra-Rack and Inter-Rack
links
• InfiniBand QDR
• 10G Fibre Channel
• HPC Interconnections
.
Description
The AOCQP40-003 is an active optical cable designed for use in 40Gigabit Ethernet links. They are electrically compliant and
mechanically compliant with the QSFP+ MSA. The AOCQP40-003 allows for greater link length than direct attach cables, with
a lower total power consumption than transceiver solutions.




Similar Part No. - AOCQP40003

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AOCQP40003AR L-COM-AOCQP40003AR Datasheet
839Kb / 10P
Active Optical Cable QSFP 40Gbps, 3m, Arista® Compatible
AOCQP40003CS L-COM-AOCQP40003CS Datasheet
839Kb / 10P
Active Optical Cable QSFP 40Gbps, 3m, Cisco® Compatible
REV 1
AOCQP40003JN L-COM-AOCQP40003JN Datasheet
839Kb / 10P
Active Optical Cable QSFP 40Gbps, 3m, Juniper® Compatible
REV 1
More results


Similar Description - AOCQP40003

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
40G-QSFP-QSFP-AOC-3M-C ATGBICS-40G-QSFP-QSFP-AOC-3M-C Datasheet
245Kb / 9P
40G-QSFP-QSFP-AOC-3M Brocade Compatible Active Optical Cable 40G QSFP (3m)
40GB-F03-QSFP-C ATGBICS-40GB-F03-QSFP-C Datasheet
245Kb / 9P
40GB-F03-QSFP Enterasys Compatible Active Optical Cable 40G QSFP (3m)
AOC-Q-Q-40G-3M-C ATGBICS-AOC-Q-Q-40G-3M-C Datasheet
245Kb / 9P
AOC-Q-Q-40G-3M Arista Compatible Active Optical Cable 40G QSFP (3m)
AOC-QSFP-40G-3M-C ATGBICS-AOC-QSFP-40G-3M-C Datasheet
245Kb / 9P
AOC-QSFP-40G-3M Dell Compatible Active Optical Cable 40G QSFP (3m)
CBL-403-C ATGBICS-CBL-403-C Datasheet
245Kb / 9P
CBL-403 Gigamon Compatible Active Optical Cable 40G QSFP (3m)
CBL-QSFP-40GE-3M-C ATGBICS-CBL-QSFP-40GE-3M-C Datasheet
245Kb / 9P
CBL-QSFP-40GE-3M Dell Compatible Active Optical Cable 40G QSFP (3m)
JNP-40G-AOC-3M-C ATGBICS-JNP-40G-AOC-3M-C Datasheet
245Kb / 9P
JNP-40G-AOC-3M Juniper Compatible Active Optical Cable 40G QSFP (3m)
MC2206310-003-C ATGBICS-MC2206310-003-C Datasheet
245Kb / 9P
MC2206310-003 NVIDIA Mellanox Compatible Active Optical Cable 40G QSFP (3m)
PAN-QSFP-PLUS-AOC-3M-C ATGBICS-PAN-QSFP-PLUS-AOC-3M-C Datasheet
246Kb / 9P
PAN-QSFP-PLUS-AOC-3M Palo Alto Compatible Active Optical Cable 40G QSFP (3m)
QSFP-H40G-AOC3M-C ATGBICS-QSFP-H40G-AOC3M-C Datasheet
245Kb / 9P
QSFP-H40G-AOC3M Cisco Compatible Active Optical Cable 40G QSFP (3m)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com