Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOCQP28100003CS Datasheet (PDF) - Infinite Electronics International, Inc.

AOCQP28100003CS Datasheet PDF - Infinite Electronics International, Inc.
Part # AOCQP28100003CS
Download  AOCQP28100003CS Download
File Size   777.08 Kbytes
Page   7 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Active Optical Cable QSFP28 100Gbps, 3m, Cisco® Compatible

AOCQP28100003CS Datasheet (PDF)

Go To PDF Page Download Datasheet
AOCQP28100003CS Datasheet PDF - Infinite Electronics International, Inc.

Part # AOCQP28100003CS
Download  AOCQP28100003CS Click to download

File Size   777.08 Kbytes
Page   7 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Active Optical Cable QSFP28 100Gbps, 3m, Cisco® Compatible

AOCQP28100003CS Datasheet (HTML) - Infinite Electronics International, Inc.


AOCQP28100003CS Product details

Active Optical Cables Technical Data Sheet
AOCQP28100-003-CS REV 1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and
certifications: Active Optical Cable QSFP28 100Gbps, 3m, Cisco® Compatible AOCQP28100-003-CS
AOCQP28100-003-CS
Features
• Full-Duplex 4 channel parallel active optical cable, supporting 100 Gbps links
• Up to 28 Gbps Data rate per channel
• Maximum link length of 10m available
• High Reliability 850 nm VCSEL technology
• Electrical interface compliant to SFF-8636 MSA
• Case Operating temperature range: 0°C to 70°C
• Power dissipation < 2.5W per cable end
Applications
• 1000G Ethernet Data Center Intra-Rack and Inter-Rack
links
• Infiniband QDR
• HPC Interconnections

Description
The AOCQP28100-003-CS is an active optical cable designed for use in 100Gigabit Ethernet links. They are electrically
compliant and mechanically compliant with the QSFP28 MSA. The AOCQP28100-003-CS allows for greater link length than
direct attach cables, with a lower total power consumption than transceiver solutions.




Similar Part No. - AOCQP28100003CS

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AOCQP28100003 L-COM-AOCQP28100003 Datasheet
776Kb / 7P
Active Optical Cable QSFP28 100Gbps, 3m, MSA Compatible
REV 1
AOCQP28100003AR L-COM-AOCQP28100003AR Datasheet
777Kb / 7P
Active Optical Cable QSFP28 100Gbps, 3m, Arista® Compatible
REV 1
AOCQP28100003JN L-COM-AOCQP28100003JN Datasheet
777Kb / 7P
Active Optical Cable QSFP28 100Gbps, 3m, Juniper® Compatible
REV 1
More results


Similar Description - AOCQP28100003CS

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
AOC-QSFP28-100G-3M-C ATGBICS-AOC-QSFP28-100G-3M-C Datasheet
637Kb / 10P
AOC-QSFP28-100G-3M Dell Compatible Active Optical Cable 100G QSFP28 (3m)
JNP-QSFP28-OAC-3M-C ATGBICS-JNP-QSFP28-OAC-3M-C Datasheet
637Kb / 10P
JNP-QSFP28-OAC-3M Juniper Compatible Active Optical Cable 100G QSFP28 (3m)
QSFP-100G-AOC10M-C ATGBICS-QSFP-100G-AOC10M-C Datasheet
636Kb / 10P
QSFP-100G-AOC10M Cisco Compatible Active Optical Cable 100G QSFP28 (10m)
QSFP-100G-AOC15M-C ATGBICS-QSFP-100G-AOC15M-C Datasheet
636Kb / 10P
QSFP-100G-AOC15M Cisco Compatible Active Optical Cable 100G QSFP28 (15m)
QSFP-100G-AOC1M-C ATGBICS-QSFP-100G-AOC1M-C Datasheet
636Kb / 10P
QSFP-100G-AOC1M Cisco Compatible Active Optical Cable 100G QSFP28 (1m)
QSFP-100G-AOC20M-C ATGBICS-QSFP-100G-AOC20M-C Datasheet
636Kb / 10P
QSFP-100G-AOC20M Cisco Compatible Active Optical Cable 100G QSFP28 (20m)
QSFP-100G-AOC2M-C ATGBICS-QSFP-100G-AOC2M-C Datasheet
636Kb / 10P
QSFP-100G-AOC2M Cisco Compatible Active Optical Cable 100G QSFP28 (2m)
QSFP-100G-AOC3M-C ATGBICS-QSFP-100G-AOC3M-C Datasheet
636Kb / 10P
QSFP-100G-AOC3M Cisco Compatible Active Optical Cable 100G QSFP28 (3m)
QSFP-100G-AOC5M-C ATGBICS-QSFP-100G-AOC5M-C Datasheet
636Kb / 10P
QSFP-100G-AOC5M Cisco Compatible Active Optical Cable 100G QSFP28 (5m)
QSFP-100G-AOC8M-C ATGBICS-QSFP-100G-AOC8M-C Datasheet
636Kb / 10P
QSFP-100G-AOC8M Cisco Compatible Active Optical Cable 100G QSFP28 (8m)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com