Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0710141 Datasheet (PDF) - PHOENIX CONTACT

0710141 Datasheet PDF - PHOENIX CONTACT
Part # 0710141
Download  0710141 Download
File Size   986.8 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DFK-MSTB 2,5/14-GF - Feed-through header

0710141 Datasheet (PDF)

Go To PDF Page Download Datasheet
0710141 Datasheet PDF - PHOENIX CONTACT

Part # 0710141
Download  0710141 Click to download

File Size   986.8 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DFK-MSTB 2,5/14-GF - Feed-through header

0710141 Datasheet (HTML) - PHOENIX CONTACT


0710141 Product details

Feed-through header, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, contact connection type: Pin, number of potentials: 14,
number of rows: 1, number of positions: 14, number of connections: 14, product range: DFKMSTB
2,5/..-GF, pitch: 5 mm, connection method: Solder/Slip-on connection, mounting: Direct
mounting, pin layout: Linear pinning, solder pin [P]: 9.3 mm, number of solder pins per potential:
1, plug-in system: COMBICON MSTB 2,5, Pin connector pattern alignment: Standard, locking:
Screw locking mechanism, mounting: Threaded flange, type of packaging: packed in cardboard

Your advantages
• Cable connection on the inside of the device enables flexible positioning of the panel feed-through
• Free choice – permanent solder connection or standardized slip-on connection
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Screwable flange for superior mechanical stability




Similar Part No. - 0710141

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0710109 PHOENIX-0710109 Datasheet
105Kb / 7P
Base strip - DFK-MSTB 2,5/10-GF
0710112 PHOENIX-0710112 Datasheet
819Kb / 12P
DFK-MSTB 2,5/11-GF - Feed-through header
0710125 PHOENIX-0710125 Datasheet
71Kb / 4P
Base strip - DFK-MSTB 2,5/12-GF
0710138 PHOENIX-0710138 Datasheet
102Kb / 7P
Base strip - DFK-MSTB 2,5/13-GF
0710154 PHOENIX-0710154 Datasheet
102Kb / 7P
Base strip - DFK-MSTB 2,5/15-GF
More results


Similar Description - 0710141

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0707976 PHOENIX-0707976 Datasheet
64Kb / 4P
Feed-through header - DFK-MSTB 2,5/12-G-5,08 WW(1X1)
0710293 PHOENIX-0710293 Datasheet
72Kb / 4P
Base strip - DFK-MSTB 2,5/14-GF-5,08
1776731 PHOENIX-1776731 Datasheet
316Kb / 14P
Feed-through header - MSTB 2,5/ 6-GF
1776595 PHOENIX-1776595 Datasheet
289Kb / 14P
Feed-through header - MSTB 2,5/11-GF-5,08
1776867 PHOENIX-1776867 Datasheet
287Kb / 13P
Feed-through header - MSTB 2,5/19-GF
1095511 PHOENIX-1095511 Datasheet
174Kb / 12P
Feed-through plug - DFK-MSTB 2,5/14-STF-5,08-LR
09/10/2020
1712759 PHOENIX-1712759 Datasheet
261Kb / 13P
Feed-through header - MSTB 2,5/24-GF-5,08
09/11/2020
1776663 PHOENIX-1776663 Datasheet
270Kb / 13P
Feed-through header - MSTB 2,5/18-GF-5,08
09/12/2020
1776728 PHOENIX-1776728 Datasheet
153Kb / 10P
Feed-through header - MSTB 2,5/ 5-GF
09/12/2020
1899045 PHOENIX-1899045 Datasheet
569Kb / 17P
Feed-through header - DFK-MSTBA 2,5/ 8-GF-5,08
Jan 10, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com