Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AC595BQBR Datasheet (PDF) - Texas Instruments

SN74AC595BQBR Datasheet PDF - Texas Instruments
Part # SN74AC595BQBR
Download  SN74AC595BQBR Download
File Size   780.92 Kbytes
Page   22 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SN74AC595 8-Bit Shift Register With 3-State Output Registers

SN74AC595BQBR Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AC595BQBR Datasheet PDF - Texas Instruments

Part # SN74AC595BQBR
Download  SN74AC595BQBR Click to download

File Size   780.92 Kbytes
Page   22 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SN74AC595 8-Bit Shift Register With 3-State Output Registers

SN74AC595BQBR Datasheet (HTML) - Texas Instruments


SN74AC595BQBR Product details

1 Features
• Wide operating range of 1.5V to 6V
• Inputs accept voltages up to 6V
• Continuous ±24mA output drive at 5V
• Supports up to ±75mA output drive at 5V
in short bursts
• Drives 50Ω transmission lines
• Maximum tpd of 12ns at 5V, 50pF load

2 Applications
• Output expansion
• LED matrix control
• 7-segment display control

3 Description
The SN74AC595 contains an 8-bit serial-in, parallelout
shift register that feeds an 8-bit D-type storage
register. This configuration allows data to be loaded
into the shift register while the outputs remain static.
The device includes 3-state outputs to allow for
disabling the outputs. The device has a separate shift
register output (QH') for connecting shift registers in
series.




Similar Part No. - SN74AC595BQBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AC595 TI1-SN74AC595 Datasheet
1Mb / 31P
SN74AC595-Q1 Automotive 8-Bit Shift Register With 3-State Output Registers
APRIL 2024
SN74AC595-Q1 TI1-SN74AC595-Q1 Datasheet
1Mb / 26P
SN74AC595-Q1 Automotive 8-Bit Shift Register With 3-State Output Registers
JANUARY 2024
SN74AC595-Q1 TI1-SN74AC595-Q1 Datasheet
1Mb / 28P
SN74AC595-Q1 Automotive 8-Bit Shift Register With 3-State Output Registers
APRIL 2024
SN74AC595-Q1 TI1-SN74AC595-Q1 Datasheet
1Mb / 31P
SN74AC595-Q1 Automotive 8-Bit Shift Register With 3-State Output Registers
APRIL 2024
SN74AC595-Q1 TI1-SN74AC595-Q1_V01 Datasheet
1Mb / 28P
SN74AC595-Q1 Automotive 8-Bit Shift Register With 3-State Output Registers
APRIL 2024
More results


Similar Description - SN74AC595BQBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHCT595 TI-SN54AHCT595 Datasheet
415Kb / 16P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595 Datasheet
139Kb / 9P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54LV595A TI-SN54LV595A Datasheet
492Kb / 20P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595_09 Datasheet
847Kb / 25P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595 TI-SN74HC595_10 Datasheet
809Kb / 26P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74LV595A-EP TI1-SN74LV595A-EP Datasheet
588Kb / 17P
8-BIT SHIFT REGISTER WITH 3-STATE OUTPUT REGISTERS
SN74LV595A-Q1 TI1-SN74LV595A-Q1 Datasheet
219Kb / 14P
8-BIT SHIFT REGISTER WITH 3-STATE OUTPUT REGISTERS
SN74AHC595-Q1 TI1-SN74AHC595-Q1 Datasheet
210Kb / 11P
8-BIT SHIFT REGISTER WITH 3-STATE OUTPUT REGISTERS
logo
Unisonic Technologies
U74AHC595 UTC-U74AHC595 Datasheet
268Kb / 7P
8-BIT SHIFT REGISTER WITH 3-STATE OUTPUT REGISTERS
logo
Texas Instruments
SN74HC595B TI1-SN74HC595B Datasheet
238Kb / 21P
8-Bit Shift Registers With 3-State Output Registers
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com