Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2-05 Datasheet (PDF) - Infinite Electronics International, Inc.

D2-05 Datasheet PDF - Infinite Electronics International, Inc.
Part # D2-05
Download  D2-05 Download
File Size   121.7 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless brand Weatherproof Differential Data Line RS-422/485 and T1/E1/J1 Lightning Surge Protector

D2-05 Datasheet (PDF)

Go To PDF Page Download Datasheet
D2-05 Datasheet PDF - Infinite Electronics International, Inc.

Part # D2-05
Download  D2-05 Click to download

File Size   121.7 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless brand Weatherproof Differential Data Line RS-422/485 and T1/E1/J1 Lightning Surge Protector

D2-05 Datasheet (HTML) - Infinite Electronics International, Inc.


D2-05 Product details

Applications
 RS-422/485 lines
 RTD lines
 T2/E1/J1 lines

Features
 Three stage protection
 Superior to diode or TVS only based designs
 Screw terminal blocks
 Industrial grade weatherproof die cast
aluminum enclosure with mounting
brackets

Description
The ALW-D2-05 is HyperLink’s outdoor version of its HGLN-D2-05 protector. This high
performance 3-stage lightning protector provides superior protection of differential or
balanced digital or analog lines from transients and surges. The units will protect two pairs
of differential data or analog signal/control lines.
The first stage is comprised of a differential gas discharge tube. Stage two is a pair of
current limiting series resistors and the final stage is a low capacitance diode array. The
use of three terminal differential gas discharge tubes provides superior common and
differential mode protection against conducted transients versus the use of lower cost two
terminal tubes. The second stage series resistance limits the power dissipation of the fast
diode clamp array in the third stage. This allows time for the slower but higher power gas tubes to flash over. The diode array
clamps the leading edge of fast transients to safe levels until the high power gas tubes turn on. This eliminates the damaging
leading edge spike that single stage gas tube protectors let leak through. The diode array’s low capacitance assures that the
suppressor will not degrade the high-speed signals. The 3-stage design can handle higher-level transients than a protector that
uses only diodes.
For more complete surge protection of data lines, the use of two units is recommended, one at
each end of the line.
Industrial Grade Weatherproof Enclosure
This protector features an industrial grade die cast aluminum enclosure with gasketed cover
and concealed mounting holes. It includes an aluminum mounting kit and hardware. PG16
cable glands are provided on the enclosure as well as an external ground clamp provided a tie
point for earth ground.




Similar Part No. - D2-05

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
D2-12 L-COM-D2-12 Datasheet
121Kb / 2P
HyperLink Wireless brand Weatherproof Differential Data Line Lightning Surge Protector for Sensors, Control Lines and RS-232
logo
Solid State Supplies.
D2-2012-23-1024-WT DURAKOOL-D2-2012-23-1024-WT Datasheet
94Kb / 5P
industrial relays
D2-2012-23-5024-WTL DURAKOOL-D2-2012-23-5024-WTL Datasheet
94Kb / 5P
industrial relays
D2-2012-25-1024 DURAKOOL-D2-2012-25-1024 Datasheet
94Kb / 5P
industrial relays
logo
Intersil Corporation
D2-24044 INTERSIL-D2-24044 Datasheet
341Kb / 20P
Digital Audio Amplifier Power Stage
September 3, 2010
More results


Similar Description - D2-05

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96172 NSC-DS96172 Datasheet
209Kb / 6P
RS-485/RS-422 Quad Differential Line Drivers
DS96173 NSC-DS96173 Datasheet
173Kb / 6P
RS-485/RS-422 Quad Differential Line Receivers
DS96176 NSC-DS96176 Datasheet
344Kb / 12P
RS-485/RS-422 Differential Bus Transceiver
DS96177 NSC-DS96177 Datasheet
262Kb / 8P
RS-485/RS-422 Differential Bus Repeater
logo
Bourns Electronic Solut...
1830 BOURNS-1830 Datasheet
392Kb / 1P
T1/E1 Surge Protector
logo
Texas Instruments
DS96172 TI1-DS96172_15 Datasheet
770Kb / 13P
RS-485/RS-422 Quad Differential Line Drivers
DS96173 TI1-DS96173_15 Datasheet
747Kb / 11P
RS-485/RS-422 Quad Differential Line Receivers
DS96176 TI1-DS96176_15 Datasheet
820Kb / 13P
RS-485/RS-422 Differential Bus Transceiver
logo
Red Lion Controls. Inc
SP-TELCO REDLION-SP-TELCO Datasheet
275Kb / 1P
Telephone Line Surge and Lightning Protector
logo
Maxim Integrated Produc...
DS21348 MAXIM-DS21348 Datasheet
792Kb / 76P
3.3V E1/T1/J1 Line Interface
REV: 011206
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com