Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1782080 Datasheet (PDF) - PHOENIX CONTACT

1782080 Datasheet PDF - PHOENIX CONTACT
Part # 1782080
Download  1782080 Download
File Size   921.89 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 8-GF-3,81 P20 THRR56 - PCB header

1782080 Datasheet (PDF)

Go To PDF Page Download Datasheet
1782080 Datasheet PDF - PHOENIX CONTACT

Part # 1782080
Download  1782080 Click to download

File Size   921.89 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 8-GF-3,81 P20 THRR56 - PCB header

1782080 Datasheet (HTML) - PHOENIX CONTACT


1782080 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, contact connection type: Pin, number of rows: 1, number of
positions: 8, product range: MC 1,5/..-GF-THR, pitch: 3.81 mm, mounting: THR soldering / wave
soldering, pin layout: Linear pinning, solder pin [P]: 2 mm, number of solder pins per potential: 1,
plug-in system: COMBICON MC 1,5, Pin connector pattern alignment: Standard, locking: Screw
locking mechanism, mounting: Threaded flange, type of packaging: 56 mm wide tape

Your advantages
• Designed for integration into the SMT soldering process
• Screwable flange for superior mechanical stability
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1782080

ManufacturerPart #DatasheetDescription
logo
Rohm
17820 ROHM-17820 Datasheet
363Kb / 6P
Three-Terminal Regulator
logo
PHOENIX CONTACT
1782006 PHOENIX-1782006 Datasheet
72Kb / 4P
Printed-circuit board connector - MC 1,5/11-GF-3,81 P26THRR72
1782019 PHOENIX-1782019 Datasheet
72Kb / 4P
Printed-circuit board connector - MC 1,5/12-GF-3,81 P26THRR72
1782022 PHOENIX-1782022 Datasheet
937Kb / 16P
MC 1,5/ 2-GF-3,81 P20 THRR32 - PCB header
logo
List of Unclassifed Man...
17820326H25 ETC2-17820326H25 Datasheet
62Kb / 2P
EUROPEAN POWER CORD
More results


Similar Description - 1782080

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1827596 PHOENIX-1827596 Datasheet
150Kb / 5P
DFK-MC 1,5/ 8-GF-3,81
1827897 PHOENIX-1827897 Datasheet
977Kb / 19P
PCB header - MC 1,5/ 5-GF-3,81
Jul 20, 2022
1827907 PHOENIX-1827907 Datasheet
977Kb / 19P
PCB header - MC 1,5/ 6-GF-3,81
Jul 20, 2022
1827884 PHOENIX-1827884 Datasheet
957Kb / 18P
PCB header - MC 1,5/ 4-GF-3,81
Jul 21, 2022
1827923 PHOENIX-1827923 Datasheet
958Kb / 18P
PCB header - MC 1,5/ 8-GF-3,81
Jul 21, 2022
1830318 PHOENIX-1830318 Datasheet
782Kb / 17P
PCB header - MCDV 1,5/ 8-GF-3,81
Nov 30, 2022
1829124 PHOENIX-1829124 Datasheet
624Kb / 11P
PCB header - MC 1,5/20-G-3,81 P20 THR
Jan 3, 2023
1789423 PHOENIX-1789423 Datasheet
591Kb / 11P
MC 1,5/ 4-GF-3,5 P20 THR - PCB header
1847521 PHOENIX-1847521 Datasheet
547Kb / 12P
MC 1,5/ 8-GF-5,08 - PCB header
1713373 PHOENIX-1713373 Datasheet
488Kb / 12P
MC 1,5/16-GF-3,5 P20 THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com