Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1947162 Datasheet (PDF) - PHOENIX CONTACT

1947162 Datasheet PDF - PHOENIX CONTACT
Part # 1947162
Download  1947162 Download
File Size   513.02 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKC 2,5/13-ST-RF - PCB connector

1947162 Datasheet (PDF)

Go To PDF Page Download Datasheet
1947162 Datasheet PDF - PHOENIX CONTACT

Part # 1947162
Download  1947162 Click to download

File Size   513.02 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKC 2,5/13-ST-RF - PCB connector

1947162 Datasheet (HTML) - PHOENIX CONTACT


1947162 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, contact connection type: Socket, number of potentials:
13, number of rows: 1, number of positions: 13, number of connections: 13, product range: FKC
2,5/..-ST-RF, pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - Locking clip, plug-in system: COMBICON MSTB 2,5,
locking: Snap-in locking, mounting: Self-locking flange, type of packaging: packed in cardboard,
Article with self-locking flange

Your advantages
• Time saving push-in connection, tools not required
• Intuitive operation due to color-coded actuating push button
• Quick and convenient testing using integrated test option
• Can be combined with the MSTB 2,5 range
• Intuitive locking mechanism prevents accidental disconnection




Similar Part No. - 1947162

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1947104 PHOENIX-1947104 Datasheet
170Kb / 10P
Printed-circuit board connector - FKC 2,5/ 7-ST-RF
09/12/2020
1947117 PHOENIX-1947117 Datasheet
514Kb / 14P
FKC 2,5/ 8-ST-RF - PCB connector
logo
Festo Corporation.
194712 FESTO-194712 Datasheet
66Kb / 1P
Filter regulator
logo
PHOENIX CONTACT
1947120 PHOENIX-1947120 Datasheet
513Kb / 14P
FKC 2,5/ 9-ST-RF - PCB connector
1947133 PHOENIX-1947133 Datasheet
83Kb / 5P
Printed-circuit board connector - FKC 2,5/10-ST-RF
More results


Similar Description - 1947162

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1947065 PHOENIX-1947065 Datasheet
120Kb / 4P
FKC 2,5/ 3-ST-RF
1942170 PHOENIX-1942170 Datasheet
666Kb / 20P
PCB connector - FKC 2,5 HC/ 4-ST
Jan 5, 2023
1873317 PHOENIX-1873317 Datasheet
824Kb / 16P
PCB connector - FKC 2,5/13-STF-5,08
Jan 5, 2023
1925692 PHOENIX-1925692 Datasheet
715Kb / 17P
PCB connector - FKC 2,5/ 2-ST-5,08-RF
1925702 PHOENIX-1925702 Datasheet
744Kb / 18P
PCB connector - FKC 2,5/ 3-ST-5,08-RF
1925715 PHOENIX-1925715 Datasheet
732Kb / 18P
PCB connector - FKC 2,5/ 4-ST-5,08-RF
1925728 PHOENIX-1925728 Datasheet
749Kb / 18P
PCB connector - FKC 2,5/ 5-ST-5,08-RF
1925773 PHOENIX-1925773 Datasheet
720Kb / 17P
PCB connector - FKC 2,5/10-ST-5,08-RF
1942426 PHOENIX-1942426 Datasheet
606Kb / 20P
FKC 2,5 HC/ 7-ST-5,08 - PCB connector
1925786 PHOENIX-1925786 Datasheet
714Kb / 17P
FKC 2,5/11-ST-5,08-RF - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com