Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQXXXEN01ZPH Datasheet (PDF) - Sharp Corporation

PQXXXEN01ZPH Datasheet PDF - Sharp Corporation
Part # PQXXXEN01ZPH
Download  PQXXXEN01ZPH Download
File Size   188.26 Kbytes
Page   8 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators

PQXXXEN01ZPH Datasheet (PDF)

Go To PDF Page Download Datasheet
PQXXXEN01ZPH Datasheet PDF - Sharp Corporation

Part # PQXXXEN01ZPH
Download  PQXXXEN01ZPH Click to download

File Size   188.26 Kbytes
Page   8 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators

PQXXXEN01ZPH Datasheet (HTML) - Sharp Corporation


PQXXXEN01ZPH Product details

Features
1. Low voltage operation
    (Minimum operating voltage: 2.35V)
2. Output current : 1A
3. Low dissipation current
    (Dissipation current at no load: MAX. 2mA
    Output OFF-state dissipation current: MAX.5μA)
4. Low power-loss
5. Built-in overcurrent and overheat protection functions
6. Conform to Flow Soldering SC-63 package
7. RoHS directive compliant

Applications
1. Personal computers and peripheral equipment
2. Power supplies for various digital electronic equipment such as DVD player or STB




Similar Part No. - PQXXXEN01ZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQXXXENA1ZPH SHARP-PQXXXENA1ZPH Datasheet
180Kb / 7P
Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
More results


Similar Description - PQXXXEN01ZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1KAXX3MZPH SHARP-PQ1KAXX3MZPH Datasheet
138Kb / 4P
Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQXXXENA1ZPH SHARP-PQXXXENA1ZPH Datasheet
180Kb / 7P
Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXGN1HZPH SHARP-PQXXXGN1HZPH Datasheet
165Kb / 7P
Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXGN01ZPH SHARP-PQXXXGN01ZPH Datasheet
191Kb / 9P
Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ070XN01ZPH SHARP-PQ070XN01ZPH Datasheet
140Kb / 5P
Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ070XNA1ZPH SHARP-PQ070XNA1ZPH Datasheet
142Kb / 5P
Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ200WN3MZPH SHARP-PQ200WN3MZPH Datasheet
152Kb / 6P
Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ200WNA1ZPH SHARP-PQ200WNA1ZPH Datasheet
146Kb / 5P
Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ015ENAHZPH SHARP-PQ015ENAHZPH Datasheet
147Kb / 5P
Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1LA153MSPQ SHARP-PQ1LA153MSPQ Datasheet
133Kb / 4P
Compact Surface Mount Type Low Power-Loss Voltage Regulators
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com