Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7326 Datasheet (PDF) - NXP Semiconductors

SAA7326 Datasheet PDF - NXP Semiconductors
Part # SAA7326
Download  SAA7326 Download
File Size   391.74 Kbytes
Page   68 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Digital servo processor and Compact Disc decoder with integrated DAC CD10

SAA7326 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAA7326 Datasheet PDF - NXP Semiconductors

Part # SAA7326
Download  SAA7326 Click to download

File Size   391.74 Kbytes
Page   68 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Digital servo processor and Compact Disc decoder with integrated DAC CD10

SAA7326 Datasheet (HTML) - NXP Semiconductors


SAA7326 Product details

GENERAL DESCRIPTION

The SAA7326 (CD10) is a single chip combining the functions of a CD decoder, digital servo and bitstream

DAC. It has an extended operating ambient temperature range when compared with other CD10 variants.

The decoder/servo part is based on the SAA737x (CD7) and is software compatible with this design. Extra

functions are controlled by use of ‘shadow’ registers (see Section 7.15.3).



FEATURES

• Extended operating ambient temperature range of −40 to +85°C

• Integrated bitstream DAC with differential outputs, operating at 96fswith 3rd-order noise shaper; typical

performance of−90 dB signal-to-noise ratio

• Separate serial input and output interfaces allow data ‘loopback’ mode for use of onboard DAC with external Electronic Shock Absorption (ESA) systems

• Up to 2 times speed mode

• Lock-to-disc mode

• Full error correction strategy, t = 2 and e = 4

• Full CD graphics interface

• All standard decoder functions implemented digitally on chip

• FIFO overflow concealment for rotational shock resistance

• Digital audio interface (EBU), audio and data

• 2 and 4 times oversampling integrated digital filter, including fsmode

• Audio data peak level detection

• Kill interface for external DAC deactivation during digital silence

• All SAA737x (CD7) digital servo and high-level functions

• Low focus noise

• Same playability performance as SAA737x (CD7)

• Automatic closed-loop gain control available for focus and radial loops

• Pulsed sledge support

• Electronic damping of fast radial actuator during long jump

• Microcontroller loading LOW

• High-level servo control option

• High-level mechanism monitor

• Communication may be via TDA1301/SAA7345 compatible bus or I2C-bus

• On-chip clock multiplier allows the use of 8.4672, 16.9344 or 33.8688 MHz crystals or ceramic resonators.




Similar Part No. - SAA7326

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
SAA7324H PHILIPS-SAA7324H Datasheet
304Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7325H PHILIPS-SAA7325H Datasheet
273Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
More results


Similar Description - SAA7326

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7370 PHILIPS-SAA7370 Datasheet
321Kb / 60P
Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7370A PHILIPS-SAA7370A Datasheet
248Kb / 60P
Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7371 PHILIPS-SAA7371 Datasheet
247Kb / 60P
Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7372 PHILIPS-SAA7372 Datasheet
323Kb / 60P
Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7373 PHILIPS-SAA7373 Datasheet
323Kb / 60P
Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7376 PHILIPS-SAA7376 Datasheet
311Kb / 56P
Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7377 PHILIPS-SAA7377 Datasheet
311Kb / 56P
Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com