Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C3520 Datasheet (PDF) - Won-Top Electronics

C3520 Datasheet PDF - Won-Top Electronics
Part # C3520
Download  C3520 Download
File Size   42.23 Kbytes
Page   2 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 35A AVALANCHE AUTOMOTIVE CELL DIODE

C3520 Datasheet (PDF)

Go To PDF Page Download Datasheet
C3520 Datasheet PDF - Won-Top Electronics

Part # C3520
Download  C3520 Click to download

File Size   42.23 Kbytes
Page   2 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 35A AVALANCHE AUTOMOTIVE CELL DIODE

C3520 Datasheet (HTML) - Won-Top Electronics


C3520 Product details

Features
● Diffused Junction
● Low Leakage
● Low Cost
● High Surge Current Capability
● Die Size 184 mil HEX




Similar Part No. - C3520

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
C3520 WTE-C3520 Datasheet
31Kb / 2P
35A AVALANCHE AUTOMOTIVE CELL DIODE
logo
Powerbox
C3520 POWERBOX-C3520 Datasheet
180Kb / 3P
Overvoltage protection with auto restart
logo
General Cable Technolog...
C3520.41.86 GENERAL-C3520.41.86 Datasheet
76Kb / 3P
C3520, Coaxial Cable, RG62/U Type, Plenum, Gauge Size 22 AWG Solid Copper Clad Steel
C35204186 GENERAL-C35204186 Datasheet
76Kb / 3P
C3520, Coaxial Cable, RG62/U Type, Plenum, Gauge Size 22 AWG Solid Copper Clad Steel
logo
Won-Top Electronics
C3520 WTE-C3520_14 Datasheet
31Kb / 2P
35A AVALANCHE AUTOMOTIVE CELL DIODE
More results


Similar Description - C3520

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
AR35A WTE-AR35A Datasheet
52Kb / 3P
35A AUTOMOTIVE BUTTON DIODE
C35A WTE-C35A Datasheet
23Kb / 2P
35A AUTOMOTIVE RECTIFIER CELL
C35A WTE-C35A_06 Datasheet
42Kb / 2P
35A AUTOMOTIVE CELL DIODE
C5020 WTE-C5020 Datasheet
42Kb / 2P
50A AVALANCHE AUTOMOTIVE CELL DIODE
logo
Nell Semiconductor Co.,...
35CD NELLSEMI-35CD Datasheet
85Kb / 1P
Automotive Cell Diodes, 35A
logo
Won-Top Electronics
C35A WTE-C35A_14 Datasheet
31Kb / 2P
35A AUTOMOTIVE CELL DIODE
C3520 WTE-C3520_14 Datasheet
31Kb / 2P
35A AVALANCHE AUTOMOTIVE CELL DIODE
C5020 WTE-C5020_14 Datasheet
31Kb / 2P
50A AVALANCHE AUTOMOTIVE CELL DIODE
C7020 WTE-C7020 Datasheet
31Kb / 2P
70A AVALANCHE AUTOMOTIVE CELL DIODE
logo
Nanjing International G...
ARS35G DGNJDZ-ARS35G Datasheet
3Mb / 3P
35A AUTOMOTIVE BUTTON DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com