Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP1A05E2J00F Datasheet (PDF) - Sharp Corporation

GP1A05E2J00F Datasheet PDF - Sharp Corporation
Part # GP1A05E2J00F
Download  GP1A05E2J00F Download
File Size   136.67 Kbytes
Page   10 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Gap : 5mm, Slit : 0.5mm OPIC Output Transmissive Photointerrupter with Connector

GP1A05E2J00F Datasheet (PDF)

Go To PDF Page Download Datasheet
GP1A05E2J00F Datasheet PDF - Sharp Corporation

Part # GP1A05E2J00F
Download  GP1A05E2J00F Click to download

File Size   136.67 Kbytes
Page   10 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Gap : 5mm, Slit : 0.5mm OPIC Output Transmissive Photointerrupter with Connector

GP1A05E2J00F Datasheet (HTML) - Sharp Corporation


GP1A05E2J00F Product details

■ Description

GP1A05EJ000F Series are standard, OPIC output, transmissive photointerrupters with opposing emitter and detector in a case, providing non-contact sensing. For this family of devices, the emitter and detector are inserted in a case, and a 3-pin connector is included to allow remote-mount or off-board designs.



■Features

1. Transmissive with OPIC output

2. Highlights :

  • Includes additional screw fixing holes

  • Positioning Pin to prevent misalignment

3. Key Parameters :

  • Gap Width : 5mm

  • Slit Width (detector side) : 0.5mm

  • Package : 34×18×11mm (without connector and positloning pin)

  • Connector : GP1A05EJ000F ; Tyco Electronics AMP K.K. (PN : 171825-3)

                    GP1A05E2J00F ; J.S.T. Mfg Co., Ltd. (PN : B3P-SHF-IAA (LF))

  • Output Type : Low when the object is present.

4. Lead free and RoHS directive compliant



■Agency approvals/Compliance

1. Compliant with RoHS directive



■Applications

1. General purpose detection of object presence or motion.

2. Example: PPC, FAX, Printer




Similar Part No. - GP1A05E2J00F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A05 SHARP-GP1A05 Datasheet
61Kb / 4P
OPIC Photointerrupter with Connector
GP1A057RBKLF SHARP-GP1A057RBKLF Datasheet
527Kb / 15P
Optoelectronics Specification
GP1A05A2 SHARP-GP1A05A2 Datasheet
62Kb / 5P
OPIC Photointerrupter with Connector
GP1A05A2J00F SHARP-GP1A05A2J00F Datasheet
151Kb / 12P
Gap : 5mm, Slit : 0.5mm OPIC Output Transmissive Photointerrupter with Connector
GP1A05A5J00F SHARP-GP1A05A5J00F Datasheet
151Kb / 12P
Gap : 5mm, Slit : 0.5mm OPIC Output Transmissive Photointerrupter with Connector
More results


Similar Description - GP1A05E2J00F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A52HRJ00F SHARP-GP1A52HRJ00F Datasheet
155Kb / 12P
Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A05AJ000F SHARP-GP1A05AJ000F Datasheet
151Kb / 12P
Gap : 5mm, Slit : 0.5mm OPIC Output Transmissive Photointerrupter with Connector
GP1A50HRJ00F SHARP-GP1A50HRJ00F Datasheet
154Kb / 12P
Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A51HRJ00F SHARP-GP1A51HRJ00F Datasheet
153Kb / 12P
Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A52LRJ00F SHARP-GP1A52LRJ00F Datasheet
154Kb / 12P
Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A53HRJ00F SHARP-GP1A53HRJ00F Datasheet
154Kb / 12P
Gap : 5mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A58HRJ00F SHARP-GP1A58HRJ00F Datasheet
155Kb / 12P
Gap : 5mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A73AJ000F SHARP-GP1A73AJ000F Datasheet
133Kb / 10P
Gap : 5mm Slit : 0.5mm OPIC Output, Snap-in type Transmissive Photointerrupter with Connector
GP1A073LCS SHARP-GP1A073LCS Datasheet
129Kb / 10P
Gap : 5mm Slit : 0.5mm OPIC Output, Snap-in type Transmissive Photointerrupter with Connector
GP1A75EJ000F SHARP-GP1A75EJ000F Datasheet
129Kb / 10P
Gap : 5mm Slit : 0.5mm OPIC Output, Screw fi xing type Transmissive Photointerrupter with Connector
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com