Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B66317 Datasheet (PDF) - EPCOS

B66317 Datasheet PDF - EPCOS
Part # B66317
Download  B66317 Download
File Size   113.0 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description E 25/13/7 (EF 25) Core

B66317 Datasheet (PDF)

Go To PDF Page Download Datasheet
B66317 Datasheet PDF - EPCOS

Part # B66317
Download  B66317 Click to download

File Size   113.0 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description E 25/13/7 (EF 25) Core

B66317 Datasheet (HTML) - EPCOS


B66317 Product details

■ In accordance with IEC 61246

■ E cores are supplied as single units



Magnetic characteristics (per set)

Σl/A = 1,1 mm–1

le = 57,5 mm

Ae = 52,5 mm2

Amin = 51,5 mm2

Ve = 3 020 mm3



Approx. weight 16 g/set



 




Similar Part No. - B66317

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317 Datasheet
232Kb / 8P
Ferrites and accessories
B66317 EPCOS-B66317 Datasheet
323Kb / 10P
Ferrites and accessories
B66317G0000X127 EPCOS-B66317G0000X127 Datasheet
232Kb / 8P
Ferrites and accessories
B66317G0000X127 EPCOS-B66317G0000X127 Datasheet
471Kb / 8P
Ferrites and accessories
B66317G0000X127 EPCOS-B66317G0000X127 Datasheet
479Kb / 9P
Ferrites and accessories
More results


Similar Description - B66317

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66229 EPCOS-B66229 Datasheet
105Kb / 3P
E 32/16/9 (EF 32) Core
B66307 EPCOS-B66307 Datasheet
109Kb / 5P
E 16/8/5 (EF 16) Core
B66311 EPCOS-B66311 Datasheet
139Kb / 7P
E 20/10/6 (EF 20) Core
B66315 EPCOS-B66315 Datasheet
74Kb / 2P
E 25,4/10/7 Core
B66319 EPCOS-B66319 Datasheet
94Kb / 4P
E 30/15/7 Core
B66344 EPCOS-B66344 Datasheet
75Kb / 2P
E 55/28/25 Core
B66367 EPCOS-B66367 Datasheet
106Kb / 4P
ETD 49/25/16 Core
B66408 EPCOS-B66408 Datasheet
69Kb / 2P
EV 25/13/13 Core
B66421 EPCOS-B66421 Datasheet
86Kb / 3P
EFD 25/13/9 Core
logo
Hirose Electric
JR16PA-10S HIROSE-JR16PA-10S_1 Datasheet
569Kb / 11P
SHELL SIZE 13-25 ALUMINUM CONNECTORS
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com