Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDPMDP4K060 Datasheet (PDF) - Infinite Electronics International, Inc.

MDPMDP4K060 Datasheet PDF - Infinite Electronics International, Inc.
Part # MDPMDP4K060
Download  MDPMDP4K060 Download
File Size   132.5 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Mini DisplayPort 1.4 to Mini DisplayPort Active Optical Cable, 8K

MDPMDP4K060 Datasheet (PDF)

Go To PDF Page Download Datasheet
MDPMDP4K060 Datasheet PDF - Infinite Electronics International, Inc.

Part # MDPMDP4K060
Download  MDPMDP4K060 Click to download

File Size   132.5 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Mini DisplayPort 1.4 to Mini DisplayPort Active Optical Cable, 8K

MDPMDP4K060 Datasheet (HTML) - Infinite Electronics International, Inc.


MDPMDP4K060 Product details

1. CABLE ASSEMBLIES SHALL BE TESTED FOR CONTINUITY
2. CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
EU RoHS DIRECTIVE (MOST RECENT RELEASED VERSION)




Similar Part No. - MDPMDP4K060

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
MDPMDP4K010 L-COM-MDPMDP4K010 Datasheet
132Kb / 1P
Mini DisplayPort 1.4 to Mini DisplayPort Active Optical Cable, 8K
06/22/2023
MDPMDP4K020 L-COM-MDPMDP4K020 Datasheet
132Kb / 1P
Mini DisplayPort 1.4 to Mini DisplayPort Active Optical Cable, 8K
06/22/2023
MDPMDP4K030 L-COM-MDPMDP4K030 Datasheet
132Kb / 1P
Mini DisplayPort 1.4 to Mini DisplayPort Active Optical Cable, 8K
06/22/2023
MDPMDP4K040 L-COM-MDPMDP4K040 Datasheet
132Kb / 1P
Mini DisplayPort 1.4 to Mini DisplayPort Active Optical Cable, 8K
06/22/2023
MDPMDP4K050 L-COM-MDPMDP4K050 Datasheet
132Kb / 1P
Mini DisplayPort 1.4 to Mini DisplayPort Active Optical Cable, 8K
06/22/2023
More results


Similar Description - MDPMDP4K060

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0687850004 MOLEX8-0687850004 Datasheet
189Kb / 3P
Mini DisplayPort*(Plug)-to-Mini DisplayPort
0687850006 MOLEX8-0687850006 Datasheet
189Kb / 3P
Mini DisplayPort(Plug)-to-Mini DisplayPort*(Plug) Cable Assembly, 2.0m (6.56), Leadfree
0687850005 MOLEX8-0687850005 Datasheet
189Kb / 3P
Mini DisplayPort*(Plug)-to-Mini DisplayPort*(Plug) Cable Assembly, 1.5m (4.92), Leadfree
logo
Tripp Lite. All Rights ...
P583003 TRIPPLITE-P583003 Datasheet
474Kb / 2P
Mini DisplayPort to DisplayPort Cable (M-M), 3-ft
P583006 TRIPPLITE-P583006 Datasheet
474Kb / 2P
Mini DisplayPort to DisplayPort Cable (M-M), 6-ft
P583010 TRIPPLITE-P583010 Datasheet
474Kb / 2P
Mini DisplayPort to DisplayPort Cable (M-M), 10-ft
logo
Molex Electronics Ltd.
0687850005 MOLEX1-0687850005_18 Datasheet
34Kb / 1P
Mini DisplayPort (Plug)-to-Mini DisplayPort (Plug) Cable Assembly, 1.50m, Lead-Free
logo
IOGEAR
G2LMDPDP02 IOGEAR-G2LMDPDP02 Datasheet
142Kb / 2P
Mini DisplayPort to DisplayPort Cable - 6ft
GDP14AOC20 IOGEAR-GDP14AOC20 Datasheet
144Kb / 2P
8K DisplayPort Optical Cable 50 ft.
GDP14RPT IOGEAR-GDP14RPT Datasheet
150Kb / 2P
DisplayPort 1.4 8K Repeater
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com