Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NC1 Datasheet (PDF) - Infinite Electronics International, Inc.

NC1 Datasheet PDF - Infinite Electronics International, Inc.
Part # NC1
Download  NC1 Download
File Size   310.04 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description electrical test tools

NC1 Datasheet (PDF)

Go To PDF Page Download Datasheet
NC1 Datasheet PDF - Infinite Electronics International, Inc.

Part # NC1
Download  NC1 Click to download

File Size   310.04 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description electrical test tools

NC1 Datasheet (HTML) - Infinite Electronics International, Inc.


NC1 Product details

FEATURES
• Detects faulty wiring in three-wire receptacles
• Detects open grounds and neutrals
• Detects reversed hot/ground connections
• Simply plug in and note red and amber
indicators
• For use on 100 to 125Vac
APPLICATIONS
• Test GFCI for proper operation
• 120V - three-wire US

FEATURES
• Avoids splitting
lines - makes
reading current easy
• Increases sensitivity of clamp-on current
probes and clamp-on meters ten times
in X10 mode
• Direct reading X1 mode
• Voltmeter input jacks
• Integral ground conductor
• Facilitates reading current
draw of device plugged into it
• Facilitates reading current
draw through extension cords
• 120V, 15A capacity




Similar Part No. - NC1

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
NC100LG2 PANDUIT-NC100LG2 Datasheet
347Kb / 4P
Panduct® Type NNC – Halogen-Free Metric Wiring Duct
2/2013
logo
Neutrik AG
NC10FD-LX-B NEUTRIK-NC10FD-LX-B Datasheet
90Kb / 3P
8 2 pole female D-size receptacle, black chrome metal housing, duplex ground contact
NC10FRX-14-B NEUTRIK-NC10FRX-14-B Datasheet
79Kb / 3P
Easy to assemble 8 2 pole right-ange female XLR connector, black chrome metal housing, secure locking and proven Neutrik chuck type strain relief
NC10FXX-14-B NEUTRIK-NC10FXX-14-B Datasheet
107Kb / 3P
Easy to assemble 8 2 pole female XLR connector, black chrome metal housing, secure locking and proven Neutrik chuck type strain relief
NC10MD-LX-B NEUTRIK-NC10MD-LX-B Datasheet
83Kb / 3P
10 pole male D-size receptacle, black chrome metal housing, duplex ground contact
More results


Similar Description - NC1

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
TK30 EXTECH-TK30 Datasheet
53Kb / 1P
Electrical/HVAC MultiMeter Test Kits
TK36 EXTECH-TK36 Datasheet
122Kb / 3P
Basic Electrical HVAC Current Clamp Meter Test Kit
logo
Pomona Electronics
5673B POMONA-5673B Datasheet
114Kb / 2P
Electrical DMM Test Lead Kit
5904A POMONA-5904A Datasheet
144Kb / 2P
Deluxe Electrical DMM Test Lead kit
logo
List of Unclassifed Man...
CNX3000 ETC-CNX3000 Datasheet
2Mb / 7P
Fluke CNX3000 Series Test Tools
4400-094LF ETC2-4400-094LF Datasheet
48Kb / 1P
Electrical Testing per Tusonix standard test plans and Mil-Std-202 Test Methods
TP912 ETC1-TP912 Datasheet
12Mb / 72P
Test Tools Catalog Volume one, 2007
logo
Extech Instruments Corp...
ETK35 EXTECH-ETK35 Datasheet
1,008Kb / 1P
ETK35 Electrical Test Kit with TRMS AC/DC Clamp Meter
TK430 EXTECH-TK430_15 Datasheet
547Kb / 1P
Electrical Test Kit
logo
List of Unclassifed Man...
GS069 ETC2-GS069 Datasheet
236Kb / 4P
DC Rotational Velocity Controller for Electrical Tools
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com