Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFNFB-3 Datasheet (PDF) - Infinite Electronics International, Inc.

NFNFB-3 Datasheet PDF - Infinite Electronics International, Inc.
Part # NFNFB-3
Download  NFNFB-3 Download
File Size   89.44 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description N-Female to N-Female Bulkhead 0-3 GHz Coaxial Lightning Protector

NFNFB-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
NFNFB-3 Datasheet PDF - Infinite Electronics International, Inc.

Part # NFNFB-3
Download  NFNFB-3 Click to download

File Size   89.44 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description N-Female to N-Female Bulkhead 0-3 GHz Coaxial Lightning Protector

NFNFB-3 Datasheet (HTML) - Infinite Electronics International, Inc.


NFNFB-3 Product details

Applications
• Outdoor coaxial installations
• Protection of wireless devices
• Communication towers
• IEEE 802.11b/g wireless LAN applications

Features
• Reliable performance from DC ~ 3 GHz
• Bi-directional protection
• Protector will pass DC
• Replaceable gas tube element
• Available in 90V, 230V, 350V and 600V models

Description
The AL-NFNFB is a gas discharge tube suppressor featuring wide-band operation up to 3 GHz. This unit features
an N-Female to N-Female Bulkhead connector with a rubber "O"-ring seal for mounting through an enclosure wall
or with the included aluminum mounting bracket.
Due to its low cost and superior RF performance, this unit is ideal for IEEE 802.11b and 802.11g Wireless LAN
applications, as well as ISM, MMDS, Cellular, and PCS applications. Since this protector will pass DC, it is suitable
for applications where DC is carried through the coax cable, such as remote amplifiers and LNAs.
Both connector ports of this unit are equally protected. This provides protection no matter which way it is
installed. Either port can face the antenna and either port can face the equipment.
The unit's replaceable gas tube element, multi-strike capability, and fast response time make it suitable for a wide
range of applications. A ground lug and terminal are supplied directly on the lightning protector housing, which
provides superior grounding.
Replacement gas tube elements are available on the L-com web site




Similar Part No. - NFNFB-3

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
NFNFB-2 L-COM-NFNFB-2 Datasheet
89Kb / 2P
N-Female to N-Female Bulkhead 0-3 GHz Coaxial Lightning Protector
NFNFB-6 L-COM-NFNFB-6 Datasheet
89Kb / 2P
N-Female to N-Female Bulkhead 0-3 GHz Coaxial Lightning Protector
NFNFB-9 L-COM-NFNFB-9 Datasheet
89Kb / 2P
N-Female to N-Female Bulkhead 0-3 GHz Coaxial Lightning Protector
More results


Similar Description - NFNFB-3

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7301-3 PASTERNACK-PE7301-3 Datasheet
84Kb / 1P
N FEMALE BULKHEAD COAX SURGE PROTECTOR
PE7301-4 PASTERNACK-PE7301-4 Datasheet
84Kb / 1P
N FEMALE BULKHEAD COAX SURGE PROTECTOR
PE9252 PASTERNACK-PE9252 Datasheet
255Kb / 3P
SMA Female to N Female Bulkhead Adapter
PE9261 PASTERNACK-PE9261 Datasheet
239Kb / 2P
N Female to BNC Female Bulkhead Adapter
PE9408 PASTERNACK-PE9408 Datasheet
244Kb / 2P
Bulkhead SMA Female to N Female Adapter
PE9540 PASTERNACK-PE9540 Datasheet
255Kb / 2P
Bulkhead N Female to BNC Female Adapter
logo
Amphenol Corporation
172371 AMPHENOL-172371 Datasheet
494Kb / 1P
N FEMALE TO N FEMALE BULKHEAD ADAPTER, LOW PIM
logo
Pasternack Enterprises,...
PE9500 PASTERNACK-PE9500 Datasheet
358Kb / 4P
Precision Bulkhead N Female to N Female Adapter
PE91201 PASTERNACK-PE91201 Datasheet
336Kb / 3P
Bulkhead N Female to N Female Adapter IP67 Mated
PE91238 PASTERNACK-PE91238 Datasheet
363Kb / 3P
Bulkhead N Female to N Female Adapter IP67 UnMated
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com