Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NMNFB-9 Datasheet (PDF) - Infinite Electronics International, Inc.

NMNFB-9 Datasheet PDF - Infinite Electronics International, Inc.
Part # NMNFB-9
Download  NMNFB-9 Download
File Size   89.36 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description N-Male to N-Female Bulkhead 0-3 GHz Coaxial Lightning Protector

NMNFB-9 Datasheet (PDF)

Go To PDF Page Download Datasheet
NMNFB-9 Datasheet PDF - Infinite Electronics International, Inc.

Part # NMNFB-9
Download  NMNFB-9 Click to download

File Size   89.36 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description N-Male to N-Female Bulkhead 0-3 GHz Coaxial Lightning Protector

NMNFB-9 Datasheet (HTML) - Infinite Electronics International, Inc.


NMNFB-9 Product details

Applications
• Outdoor coaxial installations
• Protection of wireless devices
• Communication towers
• IEEE 802.11b/g wireless LAN applications

Features
• Reliable performance from DC ~ 3 GHz
• Bi-directional protection
• Protector will pass DC
• Replaceable gas tube element
• Available in 90V, 230V, 350V and 600V models

Description
The AL-NMNFB is a gas discharge tube suppressor featuring wide-band operation up to 3 GHz. This unit features
an N-Male to N-Female Bulkhead connector with a rubber "O"-ring seal for mounting through an enclosure wall or
with the included aluminum mounting bracket.
Due to its low cost and superior RF performance, this unit is ideal for IEEE 802.11b and 802.11g Wireless LAN
applications, as well as ISM, MMDS, Cellular, and PCS applications. Since this protector will pass DC, it is suitable
for applications where DC is carried through the coax cable, such as remote amplifiers and LNAs.
Both connector ports of this unit are equally protected. This provides protection no matter which way it is
installed. Either port can face the antenna and either port can face the equipment.
The unit's replaceable gas tube element, multi-strike capability, and fast response time make it suitable for a wide
range of applications. A ground lug and terminal are supplied directly on the lightning protector housing, which
provides superior grounding.
Replacement gas tube elements are available on the L-com web site.




Similar Part No. - NMNFB-9

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
NMNFB-2 L-COM-NMNFB-2 Datasheet
89Kb / 2P
N-Male to N-Female Bulkhead 0-3 GHz Coaxial Lightning Protector
NMNFB-3 L-COM-NMNFB-3 Datasheet
89Kb / 2P
N-Male to N-Female Bulkhead 0-3 GHz Coaxial Lightning Protector
NMNFB-6 L-COM-NMNFB-6 Datasheet
89Kb / 2P
N-Male to N-Female Bulkhead 0-3 GHz Coaxial Lightning Protector
More results


Similar Description - NMNFB-9

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7301-3 PASTERNACK-PE7301-3 Datasheet
84Kb / 1P
N FEMALE BULKHEAD COAX SURGE PROTECTOR
PE7301-4 PASTERNACK-PE7301-4 Datasheet
84Kb / 1P
N FEMALE BULKHEAD COAX SURGE PROTECTOR
PE9551 PASTERNACK-PE9551 Datasheet
357Kb / 4P
Bulkhead SMA Female to N Male Adapter
PE9595 PASTERNACK-PE9595 Datasheet
359Kb / 4P
N Male to N Female Bulkhead Adapter
PE3830LF PASTERNACK-PE3830LF Datasheet
293Kb / 1P
CABLE ASSEMBLY MALE TO N FEMALE BULKHEAD
PE3193-18 PASTERNACK-PE3193-18 Datasheet
374Kb / 4P
SMA Male to N Female Bulkhead Cable
logo
Linx Technologies
ARR-NF-NM-B-8 LINX-ARR-NF-NM-B-8 Datasheet
710Kb / 6P
N Plug to N Jack Sealed Bulkhead Lightning Arrester
2021
ARR-NF-NM-B LINX-ARR-NF-NM-B Datasheet
723Kb / 6P
N Plug to N Jack Sealed Bulkhead Lightning Arrester
2021
ARR-NF-NF-B-8 LINX-ARR-NF-NF-B-8 Datasheet
724Kb / 6P
N Jack to N Jack Sealed Bulkhead Lightning Arrester
2021
ARR-NF-NF-B LINX-ARR-NF-NF-B Datasheet
728Kb / 6P
N Jack to N Jack Sealed Bulkhead Lightning Arrester
2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com