Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP1S097HCZ0F Datasheet (PDF) - Sharp Corporation

GP1S097HCZ0F Datasheet PDF - Sharp Corporation
Part # GP1S097HCZ0F
Download  GP1S097HCZ0F Download
File Size   133.68 Kbytes
Page   9 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Gap : 2mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter

GP1S097HCZ0F Datasheet (PDF)

Go To PDF Page Download Datasheet
GP1S097HCZ0F Datasheet PDF - Sharp Corporation

Part # GP1S097HCZ0F
Download  GP1S097HCZ0F Click to download

File Size   133.68 Kbytes
Page   9 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Gap : 2mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter

GP1S097HCZ0F Datasheet (HTML) - Sharp Corporation


GP1S097HCZ0F Product details

■ Description
GP1S097HCZ0F is a compact-package, phototransistor output, transmissive photointerrupter, with opposing emitter and detector in a molding that provides non-contact sensing. The compact package series is a result of unique technology combing transfer and injection molding.
This device has hole that passes through the base of the device, for assembly or fixing, and it has a wide gap.

■ Features
1. Transmissive with phototransistor output
2. Highlights :
    • Compact Size
    • Wide Gap
3. Key Parameters :
    • Gap Width : 2mm
    • Slit Width (detector side): 0.3mm
    • Package : 4.5×2.6×4.5mm
4. Lead free and RoHS directive compliant

■ Applications
1. General purpose detection of object presence or motion.
2. Example : printer, lens control for camera




Similar Part No. - GP1S097HCZ0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S09 SHARP-GP1S09 Datasheet
54Kb / 5P
Photointerrupter with Connector
GP1S092HCPI SHARP-GP1S092HCPI Datasheet
59Kb / 5P
Subminiature, Surface Mount Type Photointerrupter
GP1S092HCPIF SHARP-GP1S092HCPIF Datasheet
155Kb / 13P
SMT, Gap : 2mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S093HCZ SHARP-GP1S093HCZ Datasheet
69Kb / 5P
Subminiature, Low Profile, Transmissive Type Photointerrupter
GP1S093HCZ0F SHARP-GP1S093HCZ0F Datasheet
136Kb / 9P
Gap : 2mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
More results


Similar Description - GP1S097HCZ0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S94J0000F SHARP-GP1S94J0000F Datasheet
142Kb / 10P
Gap : 3.5mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S092HCPIF SHARP-GP1S092HCPIF Datasheet
155Kb / 13P
SMT, Gap : 2mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S93J0000F SHARP-GP1S93J0000F Datasheet
141Kb / 10P
Gap : 2mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S093HCZ0F SHARP-GP1S093HCZ0F Datasheet
136Kb / 9P
Gap : 2mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S094HCZ0F SHARP-GP1S094HCZ0F Datasheet
137Kb / 9P
Gap : 3mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S95J0000F SHARP-GP1S95J0000F Datasheet
138Kb / 10P
Gap : 1.6mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S96J0000F SHARP-GP1S96J0000F Datasheet
134Kb / 9P
Gap : 1mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S096HCZ0F SHARP-GP1S096HCZ0F Datasheet
135Kb / 9P
Gap : 1mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S97J0000F SHARP-GP1S97J0000F Datasheet
139Kb / 10P
Gap : 2.2mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S196HCZ0F SHARP-GP1S196HCZ0F Datasheet
159Kb / 11P
Gap : 1.1mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com