Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2S24J0000F Datasheet (PDF) - Sharp Corporation

GP2S24J0000F Datasheet PDF - Sharp Corporation
Part # GP2S24J0000F
Download  GP2S24J0000F Download
File Size   156.27 Kbytes
Page   12 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter

GP2S24J0000F Datasheet (PDF)

Go To PDF Page Download Datasheet
GP2S24J0000F Datasheet PDF - Sharp Corporation

Part # GP2S24J0000F
Download  GP2S24J0000F Click to download

File Size   156.27 Kbytes
Page   12 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter

GP2S24J0000F Datasheet (HTML) - Sharp Corporation


GP2S24J0000F Product details

■ Description
GP2S24J0000F Series is a compact-package, phototransistor output, reflective photointerrupter, with emitter and detector facing the same direction in a molding that provides non-contact sensing. The compact package series is a result of unique technology, combing transfer and injection molding, that also blocks visible light to minimize false detection.

■ Features
1. Reflective with Phototransistor Output
2. Highlights :
    • Compact Size
3. Key Parameters :
    • Optimal Sensing Distance : 0.7mm
    • Package : 4×3×1.7mm
    • Visible light cut resin package
4. Lead free and RoHS directive compliant

■ Applications
1. Detection of object presence or motion.
2. Example : printer, optical storage




Similar Part No. - GP2S24J0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2S24 SHARP-GP2S24 Datasheet
72Kb / 5P
Subminiature Photointerrupter
More results


Similar Description - GP2S24J0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2L24J0000F SHARP-GP2L24J0000F Datasheet
151Kb / 12P
Detecting Distance : 0.7mm Darlington Phototransistor Output Compact Refl ective Photointerrupter
GP2S60 SHARP-GP2S60_05 Datasheet
158Kb / 15P
SMT, Detecting Distance : 0.5mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2A25J0000F SHARP-GP2A25J0000F Datasheet
146Kb / 10P
Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A28AJ000F SHARP-GP2A28AJ000F Datasheet
149Kb / 11P
Flat detecting portion Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A200LCS0F SHARP-GP2A200LCS0F Datasheet
151Kb / 10P
Detecting Distance : 2 to 22mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A231LRSAF SHARP-GP2A231LRSAF Datasheet
163Kb / 12P
Snap-in type Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
GP2S27J0000F SHARP-GP2S27J0000F Datasheet
172Kb / 14P
SMT, Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S40J0000F SHARP-GP2S40J0000F Datasheet
151Kb / 10P
Detecting Distance : 3mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S700HCP SHARP-GP2S700HCP Datasheet
146Kb / 13P
SMT, Detecting Distance : 3mm Phototransistor Output, Compact Refl ective Photointerrupter
logo
AVAGO TECHNOLOGIES LIMI...
AEDR-850X AVAGO-AEDR-850X Datasheet
264Kb / 10P
3 Channel Refl ective Incremental Encoders
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com