Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1783384 Datasheet (PDF) - PHOENIX CONTACT

1783384 Datasheet PDF - PHOENIX CONTACT
Part # 1783384
Download  1783384 Download
File Size   209.1 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/ 2-GU - PCB header

1783384 Datasheet (PDF)

Go To PDF Page Download Datasheet
1783384 Datasheet PDF - PHOENIX CONTACT

Part # 1783384
Download  1783384 Click to download

File Size   209.1 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/ 2-GU - PCB header

1783384 Datasheet (HTML) - PHOENIX CONTACT


1783384 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Tin, contact connection type: Pin, number of potentials: 2, number
of rows: 1, number of positions: 2, number of connections: 2, product range: MSTB 2,5/..-GU,
pitch: 5 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.3 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector
pattern alignment: reversed, locking: without, mounting: without, type of packaging: packed in
cardboard

Your advantages
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Easy PCB replacement thanks to plug-in modules
• Well-known mounting principle allows worldwide use




Similar Part No. - 1783384

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
178330 FESTO-178330 Datasheet
99Kb / 1P
Adapter kit
178331 FESTO-178331 Datasheet
86Kb / 1P
Adapter kit
178332 FESTO-178332 Datasheet
93Kb / 1P
Adapter kit
logo
PHOENIX CONTACT
1783397 PHOENIX-1783397 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 3-GU
More results


Similar Description - 1783384

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1783397 PHOENIX-1783397 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 3-GU
1783407 PHOENIX-1783407 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 4-GU
1783465 PHOENIX-1783465 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/10-GU
1783410 PHOENIX-1783410 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 5-GU
1783449 PHOENIX-1783449 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 8-GU
1783452 PHOENIX-1783452 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 9-GU
1776838 PHOENIX-1776838 Datasheet
486Kb / 10P
PCB header - MSTB 2,5/16-GF
02/04/2022
1923995 PHOENIX-1923995 Datasheet
502Kb / 14P
PCB header - MSTB 2,5 HC/ 4-GF
Jan 3, 2023
1776799 PHOENIX-1776799 Datasheet
1Mb / 18P
PCB header - MSTB 2,5/12-GF
1924075 PHOENIX-1924075 Datasheet
482Kb / 13P
MSTB 2,5 HC/12-GF - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com